Electronic Components Datasheet Search
  English  ▼

X  

AD9648 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9648
Description  14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9648 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9648 Datasheet HTML 5Page - Analog Devices AD9648 Datasheet HTML 6Page - Analog Devices AD9648 Datasheet HTML 7Page - Analog Devices AD9648 Datasheet HTML 8Page - Analog Devices AD9648 Datasheet HTML 9Page - Analog Devices AD9648 Datasheet HTML 10Page - Analog Devices AD9648 Datasheet HTML 11Page - Analog Devices AD9648 Datasheet HTML 12Page - Analog Devices AD9648 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
AD9648
Rev. 0 | Page 9 of 44
TIMING SPECIFICATIONS
Table 5.
Parameter
Description
Limit
Unit
SYNC TIMING
REQUIREMENTS
t
SSYNC
SYNC to rising edge of CLK+ setup time
0.24
ns typ
t
HSYNC
SYNC to rising edge of CLK+ hold time
0.40
ns typ
SPI TIMING
REQUIREMENTS
t
DS
Setup time between the data and the rising edge of SCLK
2
ns min
t
DH
Hold time between the data and the rising edge of SCLK
2
ns min
t
CLK
Period of the SCLK
40
ns min
t
S
Setup time between CSB and SCLK
2
ns min
t
H
Hold time between CSB and SCLK
2
ns min
t
HIGH
SCLK pulse width high
10
ns min
t
LOW
SCLK pulse width low
10
ns min
t
EN_SDIO
Time required for the SDIO pin to switch from an input to an output relative
to the SCLK falling edge
10
ns min
t
DIS_SDIO
Time required for the SDIO pin to switch from an output to an input relative
to the SCLK rising edge
10
ns min
Timing Diagrams
tPD
tSKEW
tCH
tDCO
tCLK
N – 16
N – 17
N – 1
N + 1
N + 2
N + 3
N + 5
N + 4
N
N – 15
N – 14
N – 13
N – 12
VIN
CLK+
CLK–
CH A/CH B DATA
DCOA/DCOB
tA
Figure 2. CMOS Default Output Mode Data Output Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com