Electronic Components Datasheet Search
  English  ▼

X  

CS5463 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS5463
Description  Single Phase, Bi-directional Power/Energy IC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5463 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS5463 Datasheet HTML 11Page - Cirrus Logic CS5463 Datasheet HTML 12Page - Cirrus Logic CS5463 Datasheet HTML 13Page - Cirrus Logic CS5463 Datasheet HTML 14Page - Cirrus Logic CS5463 Datasheet HTML 15Page - Cirrus Logic CS5463 Datasheet HTML 16Page - Cirrus Logic CS5463 Datasheet HTML 17Page - Cirrus Logic CS5463 Datasheet HTML 18Page - Cirrus Logic CS5463 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
CS5463
DS678F3
15
provides a pulse output that is proportional to the reac-
tive power or apparent power. Output E3 can also be set
to display the sign of the voltage applied to the voltage
channel or the PFMON comparator output.
The apparent power (S) is the combination of the active
power and reactive power, without reference to an im-
pedance phase angle, and is calculated by the CS5463
using the following formula:
Power Factor (PF) is the active power (PActive) divided
by the apparent power (S)
The sign of the power factor is determined by the active
power.
The CS5463 calculates the reactive power, QTrig utiliz-
ing trigonometric identities, giving the formula
Average reactive power, QAvg, is generated by averag-
ing the voltage multiplied by the current with a 90° phase
shift difference between them. The 90° phase shift is re-
alized by applying an IIR digital filter in the voltage chan-
nel to obtain quadrature voltage (see Figure 3). This
filter will give exactly -90° phase shift across all frequen-
cies, and utilizes epsilon (
) to achieve unity gain at the
line frequency.
The instantaneous quadrature voltage (VQ) and current
(I) samples are multiplied to obtain the instantaneous
quadrature power (Q). The product is then averaged
over N conversions, utilizing the formula
Fundamental active (PF) and reactive (QF) power is cal-
culated by performing a discrete Fourier transform
(DFT) at the relevant frequency on the instantaneous
voltage (V) and current (I). Epsilon is used to set the fre-
quency of the internal sine (imaginary component) and
cosine (real component) waveform generator. The har-
monic active power (PH) is calculated by subtracting the
fundamental active power (PF) from the active power
(PActive).
The peak current (Ipeak) and peak voltage (Vpeak) are
the instantaneous current and voltage, respectively,
with the greatest magnitude detected during the last
computation cycle. Active, apparent, reactive, and fun-
damental power are updated every computation cycle.
4.4 Linearity Performance
The linearity of the VRMS, IRMS, active, reactive, and
power-factor power measurements (before calibration)
will be within ±0.1% of reading over the ranges speci-
fied, with respect to the input voltage levels required to
cause full-scale readings in the IRMS and VRMS regis-
ters. Refer to Accuracy Specifications on page 7.
Until the CS5463 is calibrated, the accuracy of the
CS5463 (with respect to a reference line-voltage and
line-current level on the power mains) is not guaranteed
to within ±0.1%. (See Section 7. System Calibration on
page 37.) The accuracy of the internal calculations can
often be improved by selecting a value for the Cycle
Count Register that will cause the time duration of one
computation cycle to be equal to (or very close to) a
whole number of power-line cycles (and N must be
greater than or equal to 4000).
X
V *
I*
RMS
V*
RMS
E1
I *
Energy-to-pulse
X
E3
+
+
X
+
I
ACoff*
+
+
V
ACoff*
+
E2
N
÷
N
N
÷
N
P
*
ACTIVE
N
÷
N
Poff*
P*
PulseRate*
*DENOTES REGISTER NAME.
X
S *
Q
*
AVG
-
+
X
Inverse
X
PF*
Q
TRIG*
Q*
N
÷
N
X
Figure 4. Power Calculation Flow.
SV
RMS
I
RMS
=
PF
P
Active
S
------------------
=
Q
Trig
S2
P
Active
2
–
=
Q
Avg
Q
n
n1
=
N
N
-------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com