Electronic Components Datasheet Search
  English  ▼

X  

STEF05PUR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STEF05PUR Datasheet HTML 5Page - STMicroelectronics STEF05PUR Datasheet HTML 6Page - STMicroelectronics STEF05PUR Datasheet HTML 7Page - STMicroelectronics STEF05PUR Datasheet HTML 8Page - STMicroelectronics STEF05PUR Datasheet HTML 9Page - STMicroelectronics STEF05PUR Datasheet HTML 10Page - STMicroelectronics STEF05PUR Datasheet HTML 11Page - STMicroelectronics STEF05PUR Datasheet HTML 12Page - STMicroelectronics STEF05PUR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
STEF05
Typical application
Doc ID 019055 Rev 4
9/20
5.1.2
Normal operating condition
The STEF05 E-fuse behaves like a mechanical fuse, buffering the circuitry on its output with
the same voltage shown at its input, with a small voltage fall due to the N-channel MOSFET
RDSOn.
5.1.3
Output voltage clamp
This internal protection circuit clamps the output voltage to a maximum safe value, typically
6.65 V, if the input voltage exceeds this threshold.
5.1.4
Current limiting
When an overload event occurs, the current limiting circuit reduces the conductivity of the
power MOSFET, in order to clamp the output current at the value selected externally by
means of the limiting resistor RLimit (Figure 3).
5.1.5
Thermal shutdown
If the device temperature exceeds the thermal latch threshold, typically 165 °C, the thermal
shutdown circuitry turns the power MOSFET off, thus disconnecting the load. The EN/Fault
pin of the device is automatically set at an intermediate voltage, in order to signal the
overtemperature event. In this condition the E-fuse can be reset either by cycling the supply
voltage or by pulling down the EN pin below the Vil threshold and then releasing it.
5.2
R limit calculation
As shown in
Figure 3, the device uses an internal N-channel sense FET with a fixed ratio, to
monitor the output current and limit it at the level set by the user.
The RLimit value for achieving the requested current limitation can be estimated by using the
following theoretical formula, together with the graph in
Figure 13: Current limit vs. RLimit.
Equation 1
5.3
Cdv/dt calculation
Connecting a capacitor between the Cdv/dt pin and GND allows the modification of the
output voltage ramp-up time.
Given the desired time interval
Δt during which the output voltage goes from zero to its
maximum value, the capacitance to be added on the Cdv/dt pin can be calculated using the
following theoretical formula:
Equation 2
Where Cdv/dt is expressed in Farads and the time in seconds.
RLimit
65
IShort
--------------
=
C
dvdt
50
10 9
–
×Δt30 10 12
–
×
–
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com