Electronic Components Datasheet Search
  English  ▼

X  

STEF05PUR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 1 Page - STMicroelectronics

  STEF05PUR Datasheet HTML 1Page - STMicroelectronics STEF05PUR Datasheet HTML 2Page - STMicroelectronics STEF05PUR Datasheet HTML 3Page - STMicroelectronics STEF05PUR Datasheet HTML 4Page - STMicroelectronics STEF05PUR Datasheet HTML 5Page - STMicroelectronics STEF05PUR Datasheet HTML 6Page - STMicroelectronics STEF05PUR Datasheet HTML 7Page - STMicroelectronics STEF05PUR Datasheet HTML 8Page - STMicroelectronics STEF05PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
March 2012
Doc ID 019055 Rev 4
1/20
20
STEF05
Electronic fuse for 5 V line
Datasheet
− production data
Features
■ Continuous current (typ): 3.6 A
■ N-channel on-resistance (typ): 40 m
Ω
■ Enable/Fault functions
■ Output clamp voltage (typ): 6.65 V
■ Undervoltage lockout
■ Short-circuit limit
■ Overload current limit
■ Controlled output voltage ramp
■ Thermal latch (typ): 165 °C
■ Uses tiny capacitors
■ Operating junction temp. - 40 °C to 125 °C
■ Available in DFN10 (3x3 mm) package
Applications
■ Hard disk drives
■ Solid state drives (SSD)
■ Hard disk and SSD arrays
■ Set-top boxes
■ DVD and Blu-ray disc drivers
Description
The STEF05 is an integrated electronic fuse
optimized for monitoring output current and input
voltage. Connected in series to a 5 V rail, it is
capable of protecting the electronic circuitry on its
output from overcurrent and overvoltage. The
device has a controlled delay and turn-on time.
When an overload condition occurs, the STEF05
limits the output current to a predefined safe
value. If the anomalous overload condition
persists, it goes into an open state, disconnecting
the load from the power supply. If a continuous
short-circuit is present on the board, when power
is re-applied the E-fuse initially limits the output
current to a safe value, and then again goes into
an open state. The device is equipped with a
thermal protection circuit. The intervention of the
thermal protection is signalled to the board
monitoring circuits through a signal on the Fault
pin. Unlike mechanical fuses, which must be
physically replaced after a single event, the E-
fuse does not degrade in its performance after
short-circuit/thermal protection interventions and
it is reset either by recycling the supply voltage or
using the Enable pin. The companion chip for
12 V power rails is also available with part number
STEF12.
DFN10 (3x3 mm)
Table 1.
Device summary
Order code
Package
Packaging
STEF05PUR
DFN10 (3x3 mm)
Tape and reel
www.st.com


Similar Part No. - STEF05PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF05DPUR STMICROELECTRONICS-STEF05DPUR Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
More results

Similar Description - STEF05PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEF12 STMICROELECTRONICS-STEF12 Datasheet
1Mb / 20P
Electronic fuse for 12 V line
14-Dec-2011
logo
List of Unclassifed Man...
STEF4SPUR ETC2-STEF4SPUR Datasheet
2Mb / 21P
Electronic fuse for 3.3 V and 5 V lines
logo
ON Semiconductor
NIS5452 ONSEMI-NIS5452_16 Datasheet
88Kb / 9P
5 Volt Electronic Fuse
June, 2016 ??Rev. 3
logo
STMicroelectronics
STEF4S STMICROELECTRONICS-STEF4S Datasheet
641Kb / 22P
Electronic fuse for 3.3 V and 5 V lines
02-Dec-2014
STEF05D STMICROELECTRONICS-STEF05D Datasheet
1Mb / 19P
Electronic fuse for 5 V line
19-Mar-2013
STEF033 STMICROELECTRONICS-STEF033 Datasheet
1Mb / 25P
Electronic fuse for 3.3 V line
28-Jan-2015
STEF512GR STMICROELECTRONICS-STEF512GR Datasheet
1Mb / 22P
Dual electronic fuse for 5 V and 12 V rails
Rev 2 - March 2020
STEF512PUR STMICROELECTRONICS-STEF512PUR Datasheet
1Mb / 21P
Dual electronic fuse (eFuse) for 5 V and 12 V rails
21-Sep-2020
STEF12E STMICROELECTRONICS-STEF12E Datasheet
2Mb / 19P
Electronic fuse for 12 V line
27-Jul-2022
STEF12S STMICROELECTRONICS-STEF12S Datasheet
1Mb / 31P
Electronic fuse for 12 V line
28-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com