Electronic Components Datasheet Search
  English  ▼

X  

STEF05PUR Datasheet(PDF) 4 Page - STMicroelectronics

Part # STEF05PUR
Description  Electronic fuse for 5 V line
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEF05PUR Datasheet(HTML) 4 Page - STMicroelectronics

  STEF05PUR Datasheet HTML 1Page - STMicroelectronics STEF05PUR Datasheet HTML 2Page - STMicroelectronics STEF05PUR Datasheet HTML 3Page - STMicroelectronics STEF05PUR Datasheet HTML 4Page - STMicroelectronics STEF05PUR Datasheet HTML 5Page - STMicroelectronics STEF05PUR Datasheet HTML 6Page - STMicroelectronics STEF05PUR Datasheet HTML 7Page - STMicroelectronics STEF05PUR Datasheet HTML 8Page - STMicroelectronics STEF05PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Pin configuration
STEF05
4/20
Doc ID 019055 Rev 4
2
Pin configuration
Figure 2.
Pin configuration (top view)
V
CC
Source
Source
Source
Source
Source
GND
dv/dt
En/fault
I-Limit
N/C
AM09867v1
Table 2.
Pin description
Pin n°
Symbol
Note
1 to 5
VOUT/Source
Connected to the source of the internal power MOSFET and to the output terminal of the
fuse
6
NC
Not connected
7
I-Limit
A resistor between this pin and the Source pin sets the overload and short-circuit current
limit levels.
8
En/Fault
The Enable/Fault pin is a tri-state, bi-directional interface. During normal operation the pin
must be left floating, or it can be used to disable the output of the device by pulling it to
ground using an open drain or open collector device.
If a thermal fault occurs, the voltage on this pin goes into an intermediate state to signal a
monitor circuit that the device is in thermal shutdown. It can be connected to another
device of this family to cause a simultaneous shutdown during thermal events.
9dv/dt
The internal dv/dt circuit controls the slew rate of the output voltage at turn-on. The
internal capacitor allows a ramp-up time of around 1 ms. An external capacitor can be
added to this pin to increase the ramp time. If an additional capacitor is not required, this
pin should be left open.
10
GND
Ground pin
11
VCC
Exposed pad. Positive input voltage must be connected to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com