Electronic Components Datasheet Search
  English  ▼

X  

CL220 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL220 Datasheet(HTML) 1 Page - Supertex, Inc

  CL220 Datasheet HTML 1Page - Supertex, Inc CL220 Datasheet HTML 2Page - Supertex, Inc CL220 Datasheet HTML 3Page - Supertex, Inc CL220 Datasheet HTML 4Page - Supertex, Inc CL220 Datasheet HTML 5Page - Supertex, Inc CL220 Datasheet HTML 6Page - Supertex, Inc CL220 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Supertex inc.
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
CL220
Features
► 5.0 to 220V operating range (V
A-B)
► 20mA ±10% at 5.0 - 160V
► 0.01% / °C typical temperature coefficient
► Available in TO-252 (D-PAK) and TO-220 packages
► Can be paralleled for higher current
Applications
► Industrial lamp indicators
► Signage
► Accent lighting
► Constant current source
► Constant current sink
General Description
The Supertex CL220 is a high voltage, temperature-
compensated, 20mA constant current regulator. The device
operates at up to 220V, and is accurate to ±10% over a 5.0
- 160V range. The device can be used as a two terminal
constant current source or constant current sink.
A typical application for the CL220 is to drive LEDs with
a constant current of 20mA. Multiple CL220s can also be
used in parallel to provide higher currents such as 40mA,
60mA, 80mA, and so on. The device is available in the TO-
252 (D-PAK) and TO-220 packages.
Typical Application Circuit
Simple, 220V, 20mA,
Temperature-Compensated, Constant Current,
LED Driver IC
VA
VB
Up to 220V
+ V
LED(TOTAL)
VA
VB
Functional
Circuit Diagram
CL220
I
LED
20mA
Control Circuit
and Temperature
Compensation
10nF
+
V
LED(TOTAL)
–


Similar Part No. - CL220

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL220K4-G MICROCHIP-CL220K4-G Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL220N5-G MICROCHIP-CL220N5-G Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
More results

Similar Description - CL220

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
256Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com