Electronic Components Datasheet Search
  English  ▼

X  

CL220 Datasheet(PDF) 4 Page - Supertex, Inc

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL220 Datasheet(HTML) 4 Page - Supertex, Inc

  CL220 Datasheet HTML 1Page - Supertex, Inc CL220 Datasheet HTML 2Page - Supertex, Inc CL220 Datasheet HTML 3Page - Supertex, Inc CL220 Datasheet HTML 4Page - Supertex, Inc CL220 Datasheet HTML 5Page - Supertex, Inc CL220 Datasheet HTML 6Page - Supertex, Inc CL220 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
CL220
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Fig. 4 Output Characteristics
Fig. 5 Timing Diagram
t
DLY
t
RISE
10%
90%
I
A-B
0mA
I
OS
100%
Inrush spike due to charging
of parasitic capacitances
and dV/dt CDG feed-thru
Turn-on overshoot due to
start-up characteristics
of internal circuitry
V
T
V
A-B
0V
t
OS
0
5
10
15
20
60
100
140
180
220
V
A-B (V)
30
25
20
15
10
5
0
scale change



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com