Electronic Components Datasheet Search
  English  ▼

X  

CL220 Datasheet(PDF) 5 Page - Supertex, Inc

Part # CL220
Description  Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL220 Datasheet(HTML) 5 Page - Supertex, Inc

  CL220 Datasheet HTML 1Page - Supertex, Inc CL220 Datasheet HTML 2Page - Supertex, Inc CL220 Datasheet HTML 3Page - Supertex, Inc CL220 Datasheet HTML 4Page - Supertex, Inc CL220 Datasheet HTML 5Page - Supertex, Inc CL220 Datasheet HTML 6Page - Supertex, Inc CL220 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
CL220
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Fig. 8 CL220 for Higher Current
Fig. 7 CL220 for Multiple LED Strings
I
LED
20mA
VB
VA
Up to 220V
+V
LED(TOTAL)
VB
VA
VB
VA
VB
VA
10nF
I
LED
20mA
I
LED
20mA
I
LED
20mA
+
V
LED(TOTAL)
–
CL220
CL220
CL220
CL220
VB
VA
Up to 220V
+V
LED(TOTAL)
VB
VA
I
LED
60mA
VB
VA
10nF
+
V
LED(TOTAL)
–
CL220
CL220
CL220
Fig. 6 Timing Test Circuit
CL220
V
T
1.0µF film
I
A-B



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com