Electronic Components Datasheet Search
  English  ▼

X  

BSP320 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # BSP320
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP320 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  BSP320 Datasheet HTML 1Page - Siemens Semiconductor Group BSP320 Datasheet HTML 2Page - Siemens Semiconductor Group BSP320 Datasheet HTML 3Page - Siemens Semiconductor Group BSP320 Datasheet HTML 4Page - Siemens Semiconductor Group BSP320 Datasheet HTML 5Page - Siemens Semiconductor Group BSP320 Datasheet HTML 6Page - Siemens Semiconductor Group BSP320 Datasheet HTML 7Page - Siemens Semiconductor Group BSP320 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Semiconductor Group
8
29/01/1998
BSP 320 S
Avalanche energy E
AS = ƒ(Tj)
parameter: ID = 2.9 A, VDD = 25 V
RGS = 25 Ω, L = 14.3 mH
20
40
60
80
100
120
°C
160
T
j
0
5
10
15
20
25
30
35
40
45
50
55
mJ
65
E
AS
Typ. gate charge
VGS = ƒ(QGate)
parameter: ID puls = 3 A
0
2
4
6
8
10
14
Q
Gate
0
2
4
6
8
10
12
V
16
V
GS
DS max
V
0,8
DS max
V
0,2
Drain-source breakdown voltage
V(BR)DSS = ƒ(Tj)
-60
-20
20
60
100
°C
160
T
j
54
56
58
60
62
64
66
68
V
71
V
(BR)DSS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com