Electronic Components Datasheet Search
  English  ▼

X  

BSP320 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BSP320
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP320 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BSP320 Datasheet HTML 1Page - Siemens Semiconductor Group BSP320 Datasheet HTML 2Page - Siemens Semiconductor Group BSP320 Datasheet HTML 3Page - Siemens Semiconductor Group BSP320 Datasheet HTML 4Page - Siemens Semiconductor Group BSP320 Datasheet HTML 5Page - Siemens Semiconductor Group BSP320 Datasheet HTML 6Page - Siemens Semiconductor Group BSP320 Datasheet HTML 7Page - Siemens Semiconductor Group BSP320 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
29/01/1998
BSP 320 S
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 2.9 A
gfs
2.5
-
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
275
340
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
90
120
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
50
65
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 2.9 A
RG = 33 Ω
td(on)
-
11
17
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 2.9 A
RG = 33 Ω
tr
-
25
40
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 2.9 A
RG = 33 Ω
td(off)
-
25
40
Fall time
VDD = 30 V, VGS = 10 V, ID = 2.9 A
RG = 33 Ω
tf
-
35
55
Gate charge at threshold
VDD = 40 V, ID = 0.1 A, VGS 0 to 1 V
Qg(th)
-
0.24
0.3
nC
Gate Charge at 7.0 V
VDD = 40 V, ID = 2.9 A, VGS 0 to 7 V
Qg(7)
-
7.4
9.3
Gate Charge total
VDD = 40 V, ID = 2.9 A, VGS 0 to 10 V
Qg(total)
-
9.7
12
Gate plateau voltage
VDS = 15 V, ID = 2.9 A
V(plateau)
-
4.7
-
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com