Electronic Components Datasheet Search
  English  ▼

X  

AA07 Datasheet(PDF) 4 Page - Japan Aviation Electronics Industry, Ltd.

Part # AA07
Description  0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

AA07 Datasheet(HTML) 4 Page - Japan Aviation Electronics Industry, Ltd.

  AA07 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MB-0215-2
4/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Note1) Dimension 3±0.05 is recommended in case repair is needed.
AA07A Receptacle
6.8
6.0
C
5.0
8.6
5.6
30
5.0
7.8
4.8
26
D
B
A
6.8
6.0
C
5.0
8.6
5.6
30
5.0
7.8
4.8
26
D
B
A
N U M B E R
O F
C O N T A C T
芯数
D I M E N S I O N S
寸法
SJ110471
AA07A-S***VA1
SJ Drawing
Part Number



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com