Electronic Components Datasheet Search
  English  ▼

X  

AA07 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # AA07
Description  0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

AA07 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  AA07 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/4
MB-0215-2
September 2010
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Features
AA07 Series
0.4mm Pitch, Stacking Type
Board-to-Board(FPC) Connector
General Specifications
(AA07A) No. of Contacts:
(10)(16)(20) 26, 30 pos.
(AA07B) No. of Contacts:
40, 50, 60, 70 pos.
Note: () are planned to be developed
Pitch: 0.4mm, 2 rows
Operating Temperature:
-40 Deg. C to +85 Deg. C
Contact Resistance: 70mΩ max (initial)
Life Time: 50 mating cycles
• 0.4mm pitch, 2 rows, 0.7mm stacking height.
• Contact structure ensures high wear-resistance and high contact reliability.
• Secure hold-downs prevent insulator breakage and peeling from FPC.
• 2-point contact design to resist twisting stress.
• Pb-free. Ni barrier on contact prevents solder wicking.
• High removal force AA07A for (low pin count: 10-30 pos.)
• Low insertion force AA07B for (high pin count 40-70 pos.)
* Mounting pattern for AA07A and AA07B is the same.
Rated Current: DC 0.2A each per terminal
Rated Voltage: AC, DC 50V
Insulation Resistance: 100MΩ min. (initial)
Dielectric Withstanding Voltage:
AC250Vr.m.s per minute
(AA07A) total insertion force:
1.50N x n max. (n: No. of pos.)
(AA07A) total removal force:
0.15N x n min. (n: No. of pos.)
(AA07B) total insertion force:
1.00N x n max. (n: No. of pos.)
(AA07B) total removal force:
0.10N x n min. (n: No. of pos.)
The AA07 Series is a board-to-board(FPC) connector with 0.4mm pitch spacing that is
ideal for high-density mounting in slim information communication devices like mobile
phones, LCDs, notebook PCs, and PDAs.
To satisfy different product function requirements, a low pin count type and a high pin
count type (AA07A/AA07B) are available with the same mounting pattern.
RoHS Compliant
Plug
Receptacle
Plug
Receptacle


Similar Part No. - AA07

ManufacturerPart #DatasheetDescription
logo
Veris. All Rights Reser...
AA07 VERIS-AA07 Datasheet
441Kb / 1P
Static Pressure
logo
MKS Instruments.
AA07A MKS-AA07A Datasheet
327Kb / 4P
MICRO-BARATRON PRESSURE TRANSDUCERS
logo
Delta Electronics, Inc.
AA07S DELTA-AA07S Datasheet
213Kb / 4P
7W Single Output AC/DC converter
AA07S0300A DELTA-AA07S0300A Datasheet
212Kb / 5P
7W Single Output AC/DC converter
AA07S0300A DELTA-AA07S0300A Datasheet
213Kb / 4P
7W Single Output AC/DC converter
More results

Similar Description - AA07

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
WP7 JAE-WP7 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP7A-S030VA1 JAE-WP7A-S030VA1 Datasheet
433Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP9 JAE-WP9 Datasheet
676Kb / 6P
0.4mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26 JAE-WP26 Datasheet
463Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com