Electronic Components Datasheet Search
  English  ▼

X  

AA07 Datasheet(PDF) 7 Page - Japan Aviation Electronics Industry, Ltd.

Part # AA07
Description  0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

AA07 Datasheet(HTML) 7 Page - Japan Aviation Electronics Industry, Ltd.

  AA07 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. AA07 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MB-0215-2
7/4
JAE PMK Div. Proprietary. Copyright © 2010, Japan Aviation Electronics Industry, Ltd.
Japan Aviation Electronics Industry, Limited
Product Marketing Division
Aobadai Building, 3-1-19, Aobadai, Meguro-ku, Tokyo 153-8539
Phone: +81-3-3780-2787 FAX: +81-3-3780-2946
Notice: Products shown in this leaflet are
made for the applications listed below. However,
if the above-mentioned products are to be used in
aerospace devices, marine cable-connection
devices, atomic power control systems, medical
equipment for life-support systems, or any other
specific application requiring extremely high
reliability, please contact JAE for further
information.
Recommended applications: Computers, Office
machines, Measuring devices,
Telecommunication devices (Terminals, Mobile
devices), AV devices, Household applications, FA
devices, etc.
Product Line-up
AA07B
AA07A
Type
40~70
pos.
AA07B-S***VA1
(SJ110701)
AA07B-P***VA1
(SJ110700)
10~30
pos.
AA07A-S***VA1
(SJ110471)
AA07-P***VA1
(SJ109205)
No.of
Contacts
Receptacle
PN (Drawing)
Plug
PN (Drawing)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com