Electronic Components Datasheet Search
  English  ▼

X  

LD6806F Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LD6806F
Description  Ultra low-dropout regulator, low noise, 200 mA
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LD6806F Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LD6806F Datasheet HTML 5Page - NXP Semiconductors LD6806F Datasheet HTML 6Page - NXP Semiconductors LD6806F Datasheet HTML 7Page - NXP Semiconductors LD6806F Datasheet HTML 8Page - NXP Semiconductors LD6806F Datasheet HTML 9Page - NXP Semiconductors LD6806F Datasheet HTML 10Page - NXP Semiconductors LD6806F Datasheet HTML 11Page - NXP Semiconductors LD6806F Datasheet HTML 12Page - NXP Semiconductors LD6806F Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LD6806_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 December 2011
9 of 36
NXP Semiconductors
LD6806 series
Ultra low-dropout regulator, low noise, 200 mA
9.2 Output voltage variation
The guaranteed output voltages are specified in Table 10.
(1) +85
C
(2) +25
C
(3)
40 C
Fig 10. Dropout as a function of temperature for LD6806TD/36P
IOUT (mA)
0
200
160
80
120
40
018aaa223
40
60
20
80
100
Vdo
(mV)
0
(1)
(2)
(3)
(1) IOUT =1mA
(2) IOUT = 100 mA
(3) IOUT = 200 mA
(1) IOUT =1mA
(2) IOUT = 100 mA
(3) IOUT = 200 mA
Fig 11. Output voltage variation for LD6806CX4/12H
Fig 12. Output voltage variation for LD6806CX4/25H
Tamb (°C)
-60
140
100
20
60
-20
001aan942
1.20
1.18
1.22
1.24
VOUT
(V)
1.16
(1)
(2)
(3)
Tamb (°C)
-60
140
100
20
60
-20
001aan943
2.50
2.48
2.52
2.54
VOUT
(V)
2.46
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com