Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 3 Page - Texas Instruments

  AM3359 Datasheet HTML 1Page - Texas Instruments AM3359 Datasheet HTML 2Page - Texas Instruments AM3359 Datasheet HTML 3Page - Texas Instruments AM3359 Datasheet HTML 4Page - Texas Instruments AM3359 Datasheet HTML 5Page - Texas Instruments AM3359 Datasheet HTML 6Page - Texas Instruments AM3359 Datasheet HTML 7Page - Texas Instruments AM3359 Datasheet HTML 8Page - Texas Instruments AM3359 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 197 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
•
Supports Time Division Multiplexing
Balancing and Power Management
(TDM), Inter-IC Sound (I2S), and similar
•
Advanced Geometry DMA Driven
Formats
Operation for Minimum CPU Interaction
•
Supports Digital Audio Interface
•
Programmable High-Quality Image
Transmission (SPDIF, IEC60958-1, and
Anti-Aliasing
AES-3 Formats)
•
Fully Virtualized Memory Addressing for
•
FIFO Buffers for Transmit and Receive
OS Operation in a Unified Memory
(256 bytes)
Architecture
– Up to Six UARTs
– LCD Controller
•
All UARTs Support IrDA and CIR Modes
•
Up to 24-Bits Data Output; 8-Bits per
•
All UARTs Support RTS and CTS Flow
Pixel (RGB)
Control
•
Up to WXGA (1366x768) Resolution
•
UART1 Supports Full Modem control
•
Integrated LCD Interface Display Driver
– Up to Two Master/Slave McSPI Serial
(LIDD) Controller
Interfaces
•
Integrated Raster Controller
•
Up to Two Chip Selects
•
Integrated DMA Engine to Pull Data from
•
Up to 48 MHz
the External Frame Buffer without
Burdening the Processor via Interrupts or
– Up to Three MMC/SD/SDIO Ports
a Firmware Timer
•
1-Bit, 4-Bit and 8-Bit MMC/SD/SDIO
•
512-Word Deep Internal FIFO
Modes
•
Supported Display Types:
•
MMCSD0 has dedicated Power Rail for
1.8-V or 3.3-V Operation
– Character Displays - Uses LCD
Interface Display Driver (LIDD)
•
Up to 48-MHz Data Transfer Rate
Controller to Program these Displays
•
Supports Card Detect and Write Protect
– Passive Matrix LCD Displays - Uses
•
Complies with MMC4.3 and SD/SDIO 2.0
LCD Raster Display Controller to
Specifications
Provide Timing and Data for Constant
– Up to Three I2C Master/Slave Interfaces
Graphics Refresh to a Passive Display
•
Standard Mode (up to 100 kHz)
– Active Matrix LCD Displays - Uses
•
Fast Mode (up to 400 kHz)
External Frame Buffer Space and the
– Up to Four Banks of General-Purpose IO
Internal DMA Engine to Drive
(GPIO)
Streaming Data to the Panel. Maximum
•
32 GPIOs per Bank (Multiplexed with
Resolution is WXGA (1366x768) at
Other Functional Pins)
60-Hz Refresh Rate
•
GPIOs Can be Used as Interrupt Inputs
– 12-Bit Successive Approximation Register
(Up to Two Interrupt Inputs per Bank)
(SAR) ADC
– Up to Three External DMA Event Inputs That
•
100K Samples per Second
Can Also be Used as Interrupt Inputs
•
Input Can be Selected from any of the
– Eight 32-Bit General-Purpose Timers
Eight Analog Inputs Multiplexed Through
an 8:1 analog Switch
•
DMTIMER1 is a 1-ms Timer Used for
Operating System (OS) Ticks
•
Can be Configured to Operate as a 4-wire,
5-wire, or 8-wire Resistive Touch Screen
•
DMTIMER4 - DMTIMER7 are Pinned Out
Controller (TSC) Interface
– One Watchdog Timer
– Up to Three 32-Bit Enhanced Capture
– SGX530 3D Graphics Engine
Modules (eCAP)
•
Tile-Based Architecture Delivering Up to
•
Configurable as Three Capture Inputs or
20 MPloy/sec
Three Auxiliary PWM Outputs
•
Universal Scalable Shader Engine is a
– Up to Three Enhanced High-Resolution PWM
Multi-Threaded Engine Incorporating
Modules (eHRPWM)
Pixel and Vertex Shader Functionality
•
Dedicated 16-Bit Time-Base Counter with
•
Advanced Shader Feature Set in Excess
Time and Frequency Controls
of Microsoft VS3.0, PS3.0 and OGL2.0
•
Configurable as Six Single-Ended, Six
•
Industry Standard API Support of
Dual-Edge Symmetric, or Three
Direct3D Mobile, OGL-ES 1.1 and 2.0,
Dual-Edge Asymmetric Outputs
OpenVG 1.0, and OpenMax
– Up to Three 32-Bit Enhanced Quadrature
•
Fine-Grained Task Switching, Load
Pulse Encoder (eQPE) Modules
Copyright
© 2011–2012, Texas Instruments Incorporated
Device Summary
3
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com