Electronic Components Datasheet Search
  English  ▼

X  

AM3359 Datasheet(PDF) 96 Page - Texas Instruments

Click here to check the latest version.
Part # AM3359
Description  AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
PDF  197 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359 Datasheet(HTML) 96 Page - Texas Instruments

Back Button AM3359 Datasheet HTML 92Page - Texas Instruments AM3359 Datasheet HTML 93Page - Texas Instruments AM3359 Datasheet HTML 94Page - Texas Instruments AM3359 Datasheet HTML 95Page - Texas Instruments AM3359 Datasheet HTML 96Page - Texas Instruments AM3359 Datasheet HTML 97Page - Texas Instruments AM3359 Datasheet HTML 98Page - Texas Instruments AM3359 Datasheet HTML 99Page - Texas Instruments AM3359 Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 197 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
SPRS717B
– OCTOBER 2011 – REVISED JANUARY 2012
www.ti.com
4.2
Clock Specifications
4.2.1
Input Clock Specifications
The AM335x device has two clock inputs. Each clock input passes through an internal oscillator which can
be connected to an external crystal circuit (oscillator mode) or external LVCMOS square-wave digital clock
source (bypass mode). The oscillators automatically operate in bypass mode when their input is
connected to an external LVCMOS square-wave digital clock source. The oscillator associated with a
specific clock input must be enabled when the clock input is being used in either oscillator mode or bypass
mode.
The OSC1 oscillator provides a 32.768-kHz reference clock to the real-time clock (RTC) and is connected
to the RTC_XTALIN and RTC_XTALOUT terminals. This clock source is referred to as the 32K oscillator
(CLK_32K_RTC) in the AM335x ARM Cortex-A8 Microprocessors (MPUs) Technical Reference Manual
(literature number SPRUH73). OSC1 is disabled by default after power is applied. This clock input is
optional and may not be required if the RTC is configured to receive a clock from the internal 32k RC
oscillator (CLK_RC32K) or peripheral PLL (CLK_32KHZ) which receives a reference clock from the OSC0
input.
The OSC0 oscillator provides a 19.2-MHz, 24-MHz, 25-MHz, or 26-MHz reference clock which is used to
clock all non-RTC functions and is connected to the XTALIN and XTALOUT terminals. This clock source is
referred to as the master oscillator (CLK_M_OSC) in the AM335x ARM Cortex-A8 Microprocessors
(MPUs) Technical Reference Manual (literature number SPRUH73). OSC0 is enabled by default after
power is applied.
For more information related to recommended circuit topologies and crystal oscillator circuit requirements
for these clock inputs, see Section 4.2.2.
4.2.2
Input Clock Requirements
4.2.2.1
OSC0 Internal Oscillator Clock Source
Figure 4-6 shows the recommended crystal circuit. It is recommended that pre-production printed circuit
board (PCB) designs include the two optional resistors Rbias and Rd in case they are required for proper
oscillator operation when combined with production crystal circuit components. In most cases, Rbias will
not be required and Rd will be a zero ohm resistor. These resistors may be removed from production PCB
designs after evaluating oscillator performance with production crystal circuit components installed on
pre-production PCBs.
The XTALIN terminal has a 15 - 40 k
Ω internal pull-down resistor which is enabled when OSC0 is
disabled. This internal resistor prevents the XTALIN terminal from floating to an invalid logic level which
may increase leakage current through the oscillator input buffer.
96
Power and Clocking
Copyright
© 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3359 AM3358 AM3357 AM3356 AM3354 AM3352



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com