Electronic Components Datasheet Search
  English  ▼

X  

MP6M14 Datasheet(PDF) 5 Page - Rohm

Part # MP6M14
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6M14 Datasheet(HTML) 5 Page - Rohm

  MP6M14 Datasheet HTML 1Page - Rohm MP6M14 Datasheet HTML 2Page - Rohm MP6M14 Datasheet HTML 3Page - Rohm MP6M14 Datasheet HTML 4Page - Rohm MP6M14 Datasheet HTML 5Page - Rohm MP6M14 Datasheet HTML 6Page - Rohm MP6M14 Datasheet HTML 7Page - Rohm MP6M14 Datasheet HTML 8Page - Rohm MP6M14 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6M14
 
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.7 Forward Transfer Admittance vs. Drain Current
V
DS=10V
pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
0.001
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Gate-Source Voltage : V
GS [V]
Fig.8 Typical Transfer Characteristics
V
DS=10V
pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
0.01
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
Source-Drain Voltage : V
SD [V]
Fig.9 Source Current vs. Source-Drain Voltage
V
GS=0V
pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
0
10
20
30
40
50
0
2
4
6
8
10
Gate-Source Voltage : V
GS [V]
Fig.10 Static Drain-Source On-State Resistance vs. Gate-Source Voltage
I
D=8.0A
I
D=4.0A
T
a=25°C
Pulsed
1
10
100
1000
0.01
0.1
1
10
100
Drain Current : I
D [A]
Fig.11 Switching Characteristics
t
d(on)
t
r
t
d(off)
t
f
V
DD≒15V
V
GS=10V
R
G=10Ω
T
a=25°C
Pulsed
0
2
4
6
8
10
0
5
10
15
Total Gate Charge : Q
g [nC]
Fig.12 Dynamic Input Characteristics
T
a=25°C
V
DD=15V
I
D=8A
Pulsed
5/10
2011.10 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com