Electronic Components Datasheet Search
  English  ▼

X  

MP6M14 Datasheet(PDF) 7 Page - Rohm

Part # MP6M14
Description  4V Drive Nch Pch MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6M14 Datasheet(HTML) 7 Page - Rohm

Back Button MP6M14 Datasheet HTML 3Page - Rohm MP6M14 Datasheet HTML 4Page - Rohm MP6M14 Datasheet HTML 5Page - Rohm MP6M14 Datasheet HTML 6Page - Rohm MP6M14 Datasheet HTML 7Page - Rohm MP6M14 Datasheet HTML 8Page - Rohm MP6M14 Datasheet HTML 9Page - Rohm MP6M14 Datasheet HTML 10Page - Rohm MP6M14 Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6M14
 
〈Tr.2(Pch)〉
0
1
2
3
4
5
6
0
0.2
0.4
0.6
0.8
1
Drain-Source Voltage :
-V
DS [V]
Fig.1 Typical Output Characteristics (Ⅰ)
V
GS=-2.5V
V
GS=-10.0V
V
GS=-4.0V
V
GS=-4.5V
V
GS=-2.8V
V
GS=-3.0V
V
GS=-3.5V
T
a=25°C
Pulsed
0
1
2
3
4
5
6
0
2
4
6
8
10
Drain-Source Voltage :
-V
DS [V]
Fig.2 Typical Output Characteristics (Ⅱ)
V
GS=-2.5V
V
GS=-10.0V
V
GS=-4.0V
V
GS=-4.5V
V
GS=-2.8V
V
GS=-3.0V
V
GS=-3.5V
T
a=25°C
Pulsed
1
10
100
1000
0.01
0.1
1
10
100
Drain Current :
-I
D [A]
Fig.3 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=-4.0V
V
GS=-4.5V
V
GS=-10V
T
a=25°C
Pulsed
1
10
100
1000
0.01
0.1
1
10
100
Drain Current :
-I
D [A]
Fig.4 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=-10V
pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
1
10
100
1000
0.01
0.1
1
10
100
Drain Current :
-I
D [A]
Fig.5 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=-4.5V
pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
1
10
100
1000
0.01
0.1
1
10
100
Drain Current :
-I
D [A]
Fig.6 Static Drain-Source On-State Resistance vs. Drain Current
V
GS=-4V
pulsed
T
a= 125°C
T
a= 75°C
T
a= 25°C
T
a= - 25°C
7/10
2011.10 - Rev.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com