Electronic Components Datasheet Search
  English  ▼

X  

BTS730 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # BTS730
Description  PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS730 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  BTS730 Datasheet HTML 1Page - Siemens Semiconductor Group BTS730 Datasheet HTML 2Page - Siemens Semiconductor Group BTS730 Datasheet HTML 3Page - Siemens Semiconductor Group BTS730 Datasheet HTML 4Page - Siemens Semiconductor Group BTS730 Datasheet HTML 5Page - Siemens Semiconductor Group BTS730 Datasheet HTML 6Page - Siemens Semiconductor Group BTS730 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
BTS 730
Semiconductor Group
1
12.96
PWM Power Unit
The device allows continuous power control for lamps,LEDs or
inductive loads.
• Highside switch
• Overtemperatur protection
• Short circuit / overload protection through pulse width
reduction and overload shutdown
• Load dump protection
• Undervoltage and overvoltage shutdown with auto-restart and hysteresis
• Reverse battery protection 1)
• Timing frequency adjustable
• Controlled switching rise and fall times
• Maximum current internally limited
• Protection against loss of GND 2)
• Electrostatic discharge (ESD) protection
• Package: P-DSO-20-6 (SMD)
Note: Switching frequency is programmed with an external capacitor.
Type
Ordering Code
Marking
Package
BTS730
Q67060-S7007-A2
-
P-DSO-20-6
Maximum Ratings
Parameter
Symbol
Values
Unit
Active overvoltage prodection
Vbb (AZ)
>40
V
Short circuit current
ISC
self-limited
-
Input current (DC)
ICt
2
mA
Pin1 (Ct) and pin19 (VC)
IVC
2
mA
Operating temperature range
Tj
-40...+150
°C
Storage temperature range
Tstg
-50...+150
Power dissipation
3)
Ta=25°C
Ptot
3
W
Ta=85°C
2
W
Thermal resistance chip-case
3)
Rth JC
≤ 35
K/W
chip-ambient
Rth JA
≤ 75
1)
With 150
Ω resistor in signal GND connection.
2)
Potential between signal GND and load GND >0.5V
3)
Device on 50mm*50mm*1.5mm epoxy PCB FR4 with 6 cm
2(one layer,70
µm thick) copper area for V
bb
conection, PCB is vertical without air blowing.


Similar Part No. - BTS730

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
PWM Power Unit
2003-Oct-01
BTS730 INFINEON-BTS730 Datasheet
187Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-12-17
BTS730 INFINEON-BTS730_07 Datasheet
187Kb / 10P
Smart High-Side Power Switch
V1.0, 2007-12-17
More results

Similar Description - BTS730

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2352B TEMIC-U2352B Datasheet
110Kb / 8P
PWM Power Control for DC Loads
logo
Siemens Semiconductor G...
BTS630 SIEMENS-BTS630 Datasheet
133Kb / 8P
PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
logo
Infineon Technologies A...
BTS730 INFINEON-BTS730 Datasheet
135Kb / 7P
PWM Power Unit
2003-Oct-01
logo
List of Unclassifed Man...
MLX10402 ETC1-MLX10402 Datasheet
36Kb / 3P
The IC drives directly small DC inductive or active loads like electric motors, lamps, etc
logo
Reed Relays and Electro...
IL-2022-L RRE-IL-2022-L Datasheet
101Kb / 1P
Reed Switch for Inductive Loads
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
STMicroelectronics
AN308 STMICROELECTRONICS-AN308 Datasheet
147Kb / 16P
TRIAC analog control circuits for inductive loads
16-Sep-2008
logo
Wurth Elektronik GmbH &...
173010542 WURTH-173010542 Datasheet
1Mb / 24P
Continuous output power: 3.3W or 5W
logo
Omron Electronics LLC
C4V OMRON-C4V Datasheet
158Kb / 4P
Miniature Power Switch allows 8A Loads Switching
logo
Shenzhen Huazhimei Semi...
HM2711 HMSEMI-HM2711 Datasheet
1Mb / 10P
High-performance low-cost PWM control power device
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com