Electronic Components Datasheet Search
  English  ▼

X  

BTS730 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # BTS730
Description  PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS730 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  BTS730 Datasheet HTML 1Page - Siemens Semiconductor Group BTS730 Datasheet HTML 2Page - Siemens Semiconductor Group BTS730 Datasheet HTML 3Page - Siemens Semiconductor Group BTS730 Datasheet HTML 4Page - Siemens Semiconductor Group BTS730 Datasheet HTML 5Page - Siemens Semiconductor Group BTS730 Datasheet HTML 6Page - Siemens Semiconductor Group BTS730 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
BTS 730
Semiconductor Group
3
Electrical Characteristics
at Tj = 25
EC, unless otherwise specified.CBootstrap = 22nF
Parameter
Symbol
Values
Unit
min.
typ.
max.
On-state resistance
RON
-
-
70
m
Ω
IL=3A, Vbb=12V
Operating voltage
Vbb
5.9
1)
16.9
2)
V
Tj = -40 ...+150
EC
Nominal current,
calculated value
IL-ISO
3
-
-
A
ISO-standard:
Vbb-VOUT
≤ 0.5V, Tc=85°C
Load current limit
ILLim
-
20
-
A
Vbb-VOUT> 1V
Undervoltage shutdown
Vbb(LOW)
3
4.2
5.4
V
IL = 3A
Overvoltage shutdown
Vbb(HI)
17
18
19
V
IL = 3A
Max.output voltage (RMS)
VRMSmax
12
-
14
V
IL = 3A, Vbb > 12 V
Reference voltage
VREF
2
3
V
IREF= 10mA
Reference current
IREF
-
150
-
mA
pin 18 (GND) to pin 20 (VREF) short
Internal current
consumption during
IR
-
5
mA
operation, measured in PWM gap
Bootstrap voltage, pin 2
(
CB1) to pin 3 (CB2)
VB
-
10
-
V
Vbb = 12 V,
PWM frequency
fPWM
50
-
100
Hz
Tc = -40 ... +150 °C, Ct = 68 nF
Max. pulse duty factor
Dimax
95
98
-
%
IL = 3A, VC=0V , (50% VOUT)
Min. pulse duty factor
Dimin
-
8
14
%
IL = 3A, VC=0V , (50% VOUT)
Slew rate "on"
du/d
t(on)
20
-
120
mV/
µs
10 ... 90%
IOUT
Slew rate "off"
du/d
t(off)
20
-
120
mV/
µs
90 ... 10%
IOUT
Thermal overload trip
temperature
Tj
150
-
-
°C
1) Note: undervoltage shutdown
2) Note: overvoltage shutdown



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com