Electronic Components Datasheet Search
  English  ▼

X  

BTS730 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BTS730
Description  PWM Power Unit (The device allows continuous power control for lamps,LEDs or inductive loads.)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BTS730 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BTS730 Datasheet HTML 1Page - Siemens Semiconductor Group BTS730 Datasheet HTML 2Page - Siemens Semiconductor Group BTS730 Datasheet HTML 3Page - Siemens Semiconductor Group BTS730 Datasheet HTML 4Page - Siemens Semiconductor Group BTS730 Datasheet HTML 5Page - Siemens Semiconductor Group BTS730 Datasheet HTML 6Page - Siemens Semiconductor Group BTS730 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BTS 730
Semiconductor Group
4
Circuits
REF
V
V
GND
C
Pulse-width Comparator
2
µ A
6V
max. 2mA
(20)
(19)
(18)
Analog Logic-InputV
C
(19)
Voltage Regulator
Triangular Waveform
C
GND
t
Timing Generator
6
µ A
6V
max. 2mA
(1)
(18)
V bb
Generator Input Ct (1)
Voltage Sensor (typ)
Undervoltage Sensor
Overvoltage Sensor
GND
+Vbb
Signal to the
logic unit
V bb < 4.2 V
+Vbb
Signal to the
logic unit
V bb > 18 V
GND



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com