Electronic Components Datasheet Search
  English  ▼

X  

AD7608 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7608
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7608 Datasheet HTML 3Page - Analog Devices AD7608 Datasheet HTML 4Page - Analog Devices AD7608 Datasheet HTML 5Page - Analog Devices AD7608 Datasheet HTML 6Page - Analog Devices AD7608 Datasheet HTML 7Page - Analog Devices AD7608 Datasheet HTML 8Page - Analog Devices AD7608 Datasheet HTML 9Page - Analog Devices AD7608 Datasheet HTML 10Page - Analog Devices AD7608 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 7 of 32
Limit at TMIN, TMAX
Parameter
Min
Typ
Max
Unit
Description
t13
Delay from
A
CSE
A
until DB[15:0] three-state disabled
16
ns
VDRIVE above 4.75 V
20
ns
VDRIVE above 3.3 V
25
ns
VDRIVE above 2.7 V
30
ns
VDRIVE above 2.3 V
t143
Data access time after
A
RDE
A
falling edge
16
ns
VDRIVE above 4.75 V
21
ns
VDRIVE above 3.3 V
25
ns
VDRIVE above 2.7 V
32
ns
VDRIVE above 2.3 V
t15
6
ns
Data hold time after
A
RDE
A
falling edge
t16
6
ns
A
CSE
A
to DB[15:0] hold time
t17
22
ns
Delay from
A
CSE
A
rising edge to DB[15:0] three-state enabled
SERIAL READ OPERATION
fSCLK
Frequency of serial read clock
23.5
MHz
VDRIVE above 4.75 V
17
MHz
VDRIVE above 3.3 V
14.5
MHz
VDRIVE above 2.7 V
11.5
MHz
VDRIVE above 2.3 V
t18
Delay from
A
CSE
A
until DOUTA/DOUTB three-state disabled/delay from
A
CSE
A
until
MSB valid
15
ns
VDRIVE above 4.75 V
20
ns
VDRIVE above 3.3 V
30
ns
VDRIVE = 2.3 V to 2.7 V
t19
11F
3
Data access time after SCLK rising edge
17
ns
VDRIVE above 4.75 V
23
ns
VDRIVE above 3.3 V
27
ns
VDRIVE above 2.7 V
34
ns
VDRIVE above 2.3 V
t20
0.4 tSCLK
ns
SCLK low pulse width
t21
0.4 tSCLK
ns
SCLK high pulse width
t22
7
SCLK rising edge to DOUTA/DOUTB valid hold time
t23
22
ns
A
CSE
A
rising edge to DOUTA/DOUTB three-state enabled
FRSTDATA OPERATION
t24
Delay from
A
CSE
A
falling edge until FRSTDATA three-state disabled
15
ns
VDRIVE above 4.75 V
20
ns
VDRIVE above 3.3 V
25
ns
VDRIVE above 2.7 V
30
ns
VDRIVE above 2.3 V
t25
ns
Delay from
A
CSE
A
falling edge until FRSTDATA high, serial mode
15
ns
VDRIVE above 4.75 V
20
ns
VDRIVE above 3.3 V
25
ns
VDRIVE above 2.7 V
30
ns
VDRIVE above 2.3 V
t26
Delay from
A
RDE
A
falling edge to FRSTDATA high
16
ns
VDRIVE above 4.75 V
20
ns
VDRIVE above 3.3 V
25
ns
VDRIVE above 2.7 V
30
ns
VDRIVE above 2.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com