Electronic Components Datasheet Search
  English  ▼

X  

AD7608 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7608
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7608 Datasheet HTML 13Page - Analog Devices AD7608 Datasheet HTML 14Page - Analog Devices AD7608 Datasheet HTML 15Page - Analog Devices AD7608 Datasheet HTML 16Page - Analog Devices AD7608 Datasheet HTML 17Page - Analog Devices AD7608 Datasheet HTML 18Page - Analog Devices AD7608 Datasheet HTML 19Page - Analog Devices AD7608 Datasheet HTML 20Page - Analog Devices AD7608 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 17 of 32
80
85
90
95
100
105
110
NO OS
OS × 2
OS × 4 OS × 8 OS × 16 OS × 32 OS × 64
OVERSAMPLING RATIO
AVCC, VDRIVE = 5V
TA = 25 °C
INTERNAL REFERENCE
fSAMPLE SCALES WITH OS RATIO
fIN SCALES WITH OS RATIO
±5V RANGE
±10V RANGE
Figure 26. Dynamic Range vs. Oversampling Ratio
2.5010
2.5005
2.5000
2.4995
2.4990
2.4985
–40
–25
–10
5
20
35
50
65
80
2.4980
TEMPERATURE (°C)
AVCC = 4.75V
AVCC = 5V
AVCC = 5.25V
Figure 27. Reference Output Voltage vs. Temperature for Different
Supply Voltages
8
–10
–8
–6
–4
–2
10
8
6
4
2
0
–10
–8
–6
–4
–2
0
2
4
6
INPUT VOLTAGE (V)
–40°C
+25°C
+85°C
AVCC, VDRIVE = 5V
fSAMPLE = 200kSPS
Figure 28. Analog Input Current vs. Input Voltage Across Temperature
22
20
18
16
14
12
10
8
OVERSAMPLING RATIO
AVCC, VDRIVE = 5V
TA = 25°C
INTERNAL REFERENCE
fSAMPLE VARIES WITH OS RATE
NO OS
OS2
OS4
OS8
OS16
OS32
OS64
Figure 29. Supply Current vs. Oversampling Rate
140
0
1100
1000
900
800
700
600
500
400
300
200
100
60
70
80
90
100
110
120
130
AVCC NOISE FREQUENCY (kHz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
AD7608 RECOMMENDED DECOUPLING USED
fSAMPLE = 200kSPS
TA = 25°C
±10V RANGE
±5V RANGE
Figure 30. PSRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com