Electronic Components Datasheet Search
  English  ▼

X  

AD7608 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7608
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7608 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7608 Datasheet HTML 10Page - Analog Devices AD7608 Datasheet HTML 11Page - Analog Devices AD7608 Datasheet HTML 12Page - Analog Devices AD7608 Datasheet HTML 13Page - Analog Devices AD7608 Datasheet HTML 14Page - Analog Devices AD7608 Datasheet HTML 15Page - Analog Devices AD7608 Datasheet HTML 16Page - Analog Devices AD7608 Datasheet HTML 17Page - Analog Devices AD7608 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
AD7608
Data Sheet
Rev. A | Page 14 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
–160
–140
–120
–100
–80
–60
–40
–20
0
0
10k
20k
30k
40k
50k
60k
70k
80k
90k
100k
INPUT FREQUENCY (Hz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200 kSPS
TA = 25°C
±10V RANGE
SNR = 91.23dB
SINAD = 91.17dB
THD = 108.69dB
16384 POINT FFT
fIN = 1kHz
Figure 8. FFT Plot, ±10 V Range
–160
–140
–120
–100
–80
–60
–40
–20
0
0
10k
20k
30k
40k
50k
60k
70k
80k
90k
100k
INPUT FREQUENCY (Hz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200 kSPS
TA = 25°C
±5V RANGE
SNR = 90.46dB
SINAD = 90.43dB
THD = 110.74dB
16384 POINT FFT
fIN = 1kHz
Figure 9. FFT Plot, ±5 V Range
–160
–140
–120
–100
–80
–60
–40
–20
0
0
1k
2k
3k
4k
5k
6k
INPUT FREQUENCY (Hz)
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 12.5 kSPS
TA = 25°C
±10V RANGE
SNR = 100.26dB
SINAD = 100.15dB
THD = –115.21dB
16384 POINT FFT
fIN = 131Hz
Figure 10. FFT Over Sampling by 16, ±10 V Range
–4.0
–3.0
–1.5
–0.5
0.5
1.5
2.5
3.5
–3.5
–2.0
–2.5
–1.0
0
1.0
2.0
3.0
4.0
CODE
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200 kSPS
TA = 25°C
±10V RANGE
Figure 11. Typical INL, ±10 V Range
–1.0
–0.7
–0.3
–0.1
0.1
0.3
0.5
0.9
–0.9
–0.4
–0.5
–0.2
0
0.2
0.4
0.7
1.0
CODE
–0.6
–0.8
0.8
0.6
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200 kSPS
TA = 25°C
±10V RANGE
Figure 12. Typical DNL, ±10 V Range
–4.0
–3.0
–1.5
–0.5
0.5
1.5
2.5
3.5
–3.5
–2.0
–2.5
–1.0
0
1.0
2.0
3.0
4.0
CODE
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200 kSPS
TA = 25°C
±5V RANGE
Figure 13. Typical INL, ±5 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com