Electronic Components Datasheet Search
  English  ▼

X  

AD7606 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7606
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7606 Datasheet HTML 11Page - Analog Devices AD7606 Datasheet HTML 12Page - Analog Devices AD7606 Datasheet HTML 13Page - Analog Devices AD7606 Datasheet HTML 14Page - Analog Devices AD7606 Datasheet HTML 15Page - Analog Devices AD7606 Datasheet HTML 16Page - Analog Devices AD7606 Datasheet HTML 17Page - Analog Devices AD7606 Datasheet HTML 18Page - Analog Devices AD7606 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 15 of 32
–1.0
–0.7
–0.3
–0.1
0.1
0.3
0.5
0.9
–0.9
–0.4
–0.5
–0.2
0
0.2
0.4
0.7
1.0
CODE
–0.6
–0.8
0.8
0.6
AVCC, VDRIVE = 5V
INTERNAL REFERENCE
fSAMPLE = 200 kSPS
TA = 25°C
±5V RANGE
Figure 14. Typical DNL, ±5 V Range
80
60
40
20
0
–20
–40
–60
–40
–25
–10
5
20
35
50
65
80
–80
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
Figure 15. NFS Error vs. Temperature
80
60
40
20
0
–20
–40
–60
–40
–25
–10
5
20
35
50
65
80
–80
TEMPERATURE (°C)
200kSPS
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
±5V RANGE
±10V RANGE
Figure 16. PFS Error vs. Temperature
40
–40
–25
–10
5
20
35
50
65
80
–40
–32
–24
–16
–8
0
8
16
24
32
TEMPERATURE (°C)
±10V RANGE
AVCC, VDRIVE = 5V
EXTERNAL REFERENCE
PFS ERROR
NFS ERROR
Figure 17. NFS/PFS Error Matching
10
8
6
4
2
0
0
120k
100k
80k
60k
40k
20k
–2
SOURCE RESISTANCE (Ω)
AVCC, VDRIVE = 5V
fSAMPLE = 200 kSPS
TA = 25°C
EXTERNAL REFERENCE
SOURCE RESISTANCE IS MATCHED ON
THE VxGND INPUT
±10V AND ±5V RANGE
Figure 18. PFS/NFS Error vs. Source Resistance
80
85
90
95
100
105
10
100
1k
10k
100k
INPUT FREQUENCY (Hz)
AVCC, VDRIVE = 5V
fSAMPLE CHANGES WITH OS RATE
TA = 25°C
INTERNAL REFERENCE
±10V RANGE
OS × 64
OS × 32
OS × 16
OS × 8
OS × 4
OS × 2
NO OS
Figure 19. SNR vs. Input Frequency for Different Oversampling Rates, ±10 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com