Electronic Components Datasheet Search
  English  ▼

X  

AD7606 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7606
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606 Datasheet(HTML) 3 Page - Analog Devices

  AD7606 Datasheet HTML 1Page - Analog Devices AD7606 Datasheet HTML 2Page - Analog Devices AD7606 Datasheet HTML 3Page - Analog Devices AD7606 Datasheet HTML 4Page - Analog Devices AD7606 Datasheet HTML 5Page - Analog Devices AD7606 Datasheet HTML 6Page - Analog Devices AD7606 Datasheet HTML 7Page - Analog Devices AD7606 Datasheet HTML 8Page - Analog Devices AD7606 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 3 of 32
GENERAL DESCRIPTION
The AD7608 is an 18-bit, 8-channel simultaneous sampling,
analog-to-digital data acquisition system (DAS). The part contains
analog input clamp protection, a second-order antialiasing filter,
a track-and-hold amplifier, an 18-bit charge redistribution
successive approximation analog-to-digital converter (ADC), a
flexible digital filter, a 2.5 V reference and reference buffer, and
high speed serial and parallel interfaces.
The AD7608 operates from a single 5 V supply and can
accommodate ±10 V and ±5 V true bipolar input signals while
sampling at throughput rates up to 200 kSPS for all channels.
The input clamp protection circuitry can tolerate voltages up
to ±16.5 V. The AD7608 has 1 MΩ analog input impedance
regardless of sampling frequency. The single supply operation,
on-chip filtering, and high input impedance eliminate the need
for driver op amps and external bipolar supplies. The AD7608
antialiasing filter has a 3 dB cutoff frequency of 22 kHz and
provides 40 dB antialias rejection when sampling at 200 kSPS.
The flexible digital filter is pin driven, yields improvements in
SNR, and reduces the 3 dB bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com