Electronic Components Datasheet Search
  English  ▼

X  

AD7606 Datasheet(PDF) 28 Page - Analog Devices

Part # AD7606
Description  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7606 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD7606 Datasheet HTML 24Page - Analog Devices AD7606 Datasheet HTML 25Page - Analog Devices AD7606 Datasheet HTML 26Page - Analog Devices AD7606 Datasheet HTML 27Page - Analog Devices AD7606 Datasheet HTML 28Page - Analog Devices AD7606 Datasheet HTML 29Page - Analog Devices AD7606 Datasheet HTML 30Page - Analog Devices AD7606 Datasheet HTML 31Page - Analog Devices AD7606 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
AD7608
Data Sheet
Rev. A | Page 28 of 32
OVERSAMPLING BY 64
0
1000
2000
3000
4000
6000
5000
7000
–1
0
CODE
1
465
6489
1238
Figure 52. Histogram of Codes—OS × 64 (3 Codes)
When the oversampling mode is selected, this has the effect
of adding a digital filter function after the ADC. The different
oversampling rates and the CONVST x sampling frequency
produces different digital filter frequency profiles.
Figure 53 to Figure 58 show the digital filter frequency profiles
for oversampling by 2 to oversampling by 64. The combination
of the analog antialiasing filter and the oversampling digital
filter can be used to eliminate or reduce the complexity of the
design of the filter before the AD7608. The digital filtering
combines steep roll-off and linear phase response.
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 2
Figure 53. Digital Filter OS × 2
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 4
Figure 54. Digital Filter Response for OS × 4
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 8
Figure 55. Digital Filter Response for OS × 8
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
±10V RANGE
OS BY 16
Figure 56. Digital Filter Response for OS × 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com