Electronic Components Datasheet Search
  English  ▼

X  

AD8628 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8628
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 1 Page - Analog Devices

  AD8628 Datasheet HTML 1Page - Analog Devices AD8628 Datasheet HTML 2Page - Analog Devices AD8628 Datasheet HTML 3Page - Analog Devices AD8628 Datasheet HTML 4Page - Analog Devices AD8628 Datasheet HTML 5Page - Analog Devices AD8628 Datasheet HTML 6Page - Analog Devices AD8628 Datasheet HTML 7Page - Analog Devices AD8628 Datasheet HTML 8Page - Analog Devices AD8628 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
30 V Zero-Drift, Rail-to-Rail Output
Precision Amplifier
Data Sheet
ADA4638-1
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Single supply operation: 4.5 V to 30 V
Dual supply operation: ±2.25 V to ±15 V
Low offset voltage: 4 μV maximum
Input offset voltage drift: 0.05 μV/°C maximum
High gain: 130 dB minimum
High PSRR: 120 dB minimum
High CMRR: 130 dB minimum
Input common-mode range includes lower supply rail
Rail-to-rail output
Low supply current: 0.95 mA maximum
APPLICATIONS
Electronic weigh scale
Pressure and position sensors
Strain gage amplifiers
Medical instrumentation
Thermocouple amplifiers
PIN CONFIGURATIONS
NC 1
–IN 2
+IN 3
V– 4
NC
8
V+
7
OUT
6
NC
5
NOTES
1. NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
ADA4638-1
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC
ADA4638-1
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. DO NOT CONNECT TO THIS PIN.
2. IT IS RECOMMENDED THAT THE EXPOSED PAD BE
CONNECTED TO V–.
3
+IN
4
V–
1
NC
2
–IN
6OUT
5NC
8NC
7V+
Figure 2. 8-Lead LFCSP
GENERAL DESCRIPTION
The ADA4638-1 is a high voltage, high precision, zero-drift
amplifier featuring rail-to-rail output swing. It is guaranteed to
operate from 4.5 V to 30 V single supply or ±2.25 V to ±15 V
dual supplies while consuming less than 0.95 mA of supply
current at ±5 V.
With an offset voltage of 4 μV, offset drift less than 0.05 μV/°C,
no 1/f noise, and input voltage noise of only 1.2 μV p-p (0.1 Hz
to 10 Hz), the ADA4638-1 is suited for high precision applications
where large error sources cannot be tolerated. Pressure sensors,
medical equipment, and strain gage amplifiers benefit greatly
from nearly zero drift over the wide operating temperature
range. Many applications can take advantage of the rail-to-rail
output swing provided by the ADA4638-1 to maximize the signal-
to-noise ratio (SNR).
The ADA4638-1 is specified for the extended industrial (−40°C
to +125°C) temperature range and is available in 8-lead LFCSP
(3 mm × 3 mm) and SOIC packages.
Table 1. Analog Devices, Inc., Zero-Drift Op Amp Portfolio
Operating
Voltage
Type
Product
Offset
Voltage
(μV) Max
Offset
Voltage Drift
(μV/°C) Max
30 V
Single
ADA4638-1
4.5
0.08
Single
AD8638
9
0.06
16 V
Dual
AD8639
9
0.06
ADA4528-1
2.5
0.015
AD8628
5
0.02
AD8538
13
0.1
Single
ADA4051-1
15
0.1
AD8629
5
0.02
AD8539
13
0.1
Dual
ADA4051-2
15
0.1
5 V
Quad
AD8630
5
0.02


Similar Part No. - AD8628

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8628 AD-AD8628 Datasheet
476Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
10/04-Data Sheet Changed from Rev. B to Rev. C
AD8628 AD-AD8628 Datasheet
410Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
5/05-Rev. D to Rev. E
AD8628 AD-AD8628 Datasheet
432Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. F
AD8628 AD-AD8628 Datasheet
449Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
AD8628 AD-AD8628 Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
More results

Similar Description - AD8628

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8230 AD-AD8230 Datasheet
400Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
10/04-Revision 0
logo
Linear Technology
LTC2053 LINER-LTC2053_1 Datasheet
228Kb / 16P
Precision, Rail-to-Rail,Zero-Drift, Resistor-Programmable Instrumentation Amplifier
logo
Analog Devices
AD8230 AD-AD8230_15 Datasheet
428Kb / 16P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
AD8230 AD-AD8230_16 Datasheet
400Kb / 17P
16 V Rail-to-Rail, Zero-Drift, Precision Instrumentation Amplifier
REV. B
ADA4638-1 AD-ADA4638-1_16 Datasheet
912Kb / 25P
30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
Rev. 0
logo
Texas Instruments
TLV2186 TI1-TLV2186 Datasheet
1Mb / 38P
TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
TLV2186 TI-TLV2186_V01 Datasheet
1Mb / 39P
TLV2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
OPA2186 TI-OPA2186 Datasheet
1Mb / 26P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
JUNE 2022
OPA2186 TI-OPA2186_V01 Datasheet
2Mb / 41P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
OPA2186 TI-OPA2186_V02 Datasheet
2Mb / 41P
OPA2186 Precision, Rail-to-Rail Input and Output, 24-V, Zero-Drift Operational Amplifier
REVISED SEPTEMBER 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com