Electronic Components Datasheet Search
  English  ▼

X  

AD8628 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8628
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8628 Datasheet HTML 15Page - Analog Devices AD8628 Datasheet HTML 16Page - Analog Devices AD8628 Datasheet HTML 17Page - Analog Devices AD8628 Datasheet HTML 18Page - Analog Devices AD8628 Datasheet HTML 19Page - Analog Devices AD8628 Datasheet HTML 20Page - Analog Devices AD8628 Datasheet HTML 21Page - Analog Devices AD8628 Datasheet HTML 22Page - Analog Devices AD8628 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADA4638-1
Rev. 0 | Page 19 of 24
ADA4638-1
A1
ITOTAL+
A3
ISY+
RIN1
+VSY
VOUT
–VSY
IINPUT+
RIN2
IINPUT–
A4
ISY–
A2
ITOTAL–
Figure 62. Comparator B
Figure 63 and Figure 64 show the total supply current of the
system, ITOTAL, and the actual currents, ISY, that flow into and
out of the supply pins of the ADA4638-1. With RIN1 = RIN2 =
100 kΩ and supply voltage of 30 V, the total supply current of
the system is 800 μA to 900 μA.
With smaller input series resistors, total supply current of the
system increases much more. Figure 65 and Figure 66 show the
supply currents with RIN1 = RIN2 = 0 Ω. The total current of the
system increases to 10 mA.
ITOTAL = ISY + IINPUT
Note that, at 30 V of supply voltage, 8 mA to 9 mA of current
flows through the input pins. This is undesirable. The ADA4638-1
is not recommended to be used as a comparator. If absolutely
necessary, place resistors in series with the inputs of the ampli-
fier to limit input current to less than 10 mA.
For more details on op amps as comparators, refer to the
AN-849 Application Note, Using Op Amps as Comparators.
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
VSY (V)
ISY+
ITOTAL–
ITOTAL+
ISY–
Figure 63. Supply Current vs. Supply Voltage
(Comparator A, RIN1 = RIN2 = 100 kΩ)
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
5
10
15
20
25
30
VSY (V)
ISY+
ITOTAL–
ITOTAL+
ISY–
Figure 64. Supply Current vs. Supply Voltage
(Comparator B, RIN1 = RIN2 = 100 kΩ)
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
0
5
10
15
20
25
30
VSY (V)
ISY+
ITOTAL–
ITOTAL+
ISY–
Figure 65. Supply Current vs. Supply Voltage
(Comparator A, RIN1 = RIN2 = 0 kΩ)
–12
–10
–8
–6
–4
–2
0
2
4
6
8
10
12
0
5
10
15
20
25
30
VSY (V)
ISY+
ITOTAL–
ITOTAL+
ISY–
Figure 66. Supply Current vs. Supply Voltage
(Comparator B, RIN1 = RIN2 = 0 kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com