Electronic Components Datasheet Search
  English  ▼

X  

AD8628 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8628
Description  30 V Zero-Drift, Rail-to-Rail Output Precision Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8628 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8628 Datasheet HTML 8Page - Analog Devices AD8628 Datasheet HTML 9Page - Analog Devices AD8628 Datasheet HTML 10Page - Analog Devices AD8628 Datasheet HTML 11Page - Analog Devices AD8628 Datasheet HTML 12Page - Analog Devices AD8628 Datasheet HTML 13Page - Analog Devices AD8628 Datasheet HTML 14Page - Analog Devices AD8628 Datasheet HTML 15Page - Analog Devices AD8628 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADA4638-1
Data Sheet
Rev. 0 | Page 12 of 24
1m
0.01
0.1
1
10
100
1k
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = +1
AV = +100
AV = +10
VSY =±2.5V
VCM =VSY/2
Figure 33. Closed-Loop Output Impedance vs. Frequency
TIME (1µs/DIV)
VSY = ±2.5V
VIN =1V p-p
AV = +1
RL =10kΩ
CL =100pF
Figure 34. Large Signal Transient Response
TIME (1µs/DIV)
VSY = ±2.5V
VIN =100mV p-p
AV = +1
RL =10kΩ
CL =100pF
Figure 35. Small Signal Transient Response
1m
0.01
0.1
1
10
100
1k
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AV = +1
AV = +100
AV = +10
VSY = ±15V
VCM =VSY/2
Figure 36. Closed-Loop Output Impedance vs. Frequency
TIME (10µs/DIV)
VSY =±15V
VIN =24V p-p
AV = +1
RL =10kΩ
CL =100pF
Figure 37. Large Signal Transient Response
TIME (1µs/DIV)
VSY =±15V
VIN =100mV p-p
AV = +1
RL =10kΩ
CL =100pF
Figure 38. Small Signal Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com