Electronic Components Datasheet Search
  English  ▼

X  

AD8426 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8426
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8426 Datasheet(HTML) 4 Page - Analog Devices

  AD8426 Datasheet HTML 1Page - Analog Devices AD8426 Datasheet HTML 2Page - Analog Devices AD8426 Datasheet HTML 3Page - Analog Devices AD8426 Datasheet HTML 4Page - Analog Devices AD8426 Datasheet HTML 5Page - Analog Devices AD8426 Datasheet HTML 6Page - Analog Devices AD8426 Datasheet HTML 7Page - Analog Devices AD8426 Datasheet HTML 8Page - Analog Devices AD8426 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD8428
Data Sheet
Rev. 0 | Page 4 of 20
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
FILTER TERMINALS
RIN2
6
kΩ
Voltage Range
−VS
+VS
V
POWER SUPPLY
Operating Range
±4
±18
V
Quiescent Current
6.5
6.8
mA
Over Temperature
TA = −40°C to +85°C
8
mA
1 The differential and common-mode input impedances can be calculated from the pin impedance: ZDIFF = 2(ZPIN); ZCM = ZPIN/2.
2 To calculate the actual impedance, see Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com