Electronic Components Datasheet Search
  English  ▼

X  

AD8426 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8426
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8426 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8426 Datasheet HTML 5Page - Analog Devices AD8426 Datasheet HTML 6Page - Analog Devices AD8426 Datasheet HTML 7Page - Analog Devices AD8426 Datasheet HTML 8Page - Analog Devices AD8426 Datasheet HTML 9Page - Analog Devices AD8426 Datasheet HTML 10Page - Analog Devices AD8426 Datasheet HTML 11Page - Analog Devices AD8426 Datasheet HTML 12Page - Analog Devices AD8426 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD8428
Rev. 0 | Page 9 of 20
5
–2
0
120
WARM-UP TIME (Seconds)
–1
0
1
2
3
4
10
20
30
40
50
60
70
80
90
100 110
Figure 15. Change in Input Offset Voltage (VOSI) vs. Warm-Up Time
15
–30
–25
–20
–2.4
1.2
–40
125
TEMPERATURE (°C)
–25
–10
5
20355065
80
95
110
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
–15
–10
0
5
–5
10
IB+
IB–
IOS
NORMALIZED AT 25°C
Figure 16. Input Bias Current and Input Offset Current vs. Temperature
250
–200
–40
125
TEMPERATURE (°C)
–150
–100
–50
0
50
100
150
200
–25 –10
5
203550658095
110
REPRESENTATIVE DATA
NORMALIZED AT 25°C
Figure 17. Gain Error vs. Temperature, Normalized at 25°C
70
–30
–40
125
TEMPERATURE (°C)
–25 –10
5
203550658095
110
REPRESENTATIVE DATA
NORMALIZED AT 25°C
–20
–10
0
10
20
30
40
50
60
Figure 18. CMRR vs. Temperature, Normalized at 25°C
9.0
8.5
8.0
7.5
5.0
5.5
6.0
6.5
7.0
–40
125
TEMPERATURE (°C)
–25 –10
5
203550658095
110
Figure 19. Supply Current vs. Temperature
50
–50
–40
125
TEMPERATURE (°C)
–25 –10
5
203550658095
110
–20
–30
–40
–10
0
10
20
30
40
ISHORT+
ISHORT–
Figure 20. Short-Circuit Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com