Electronic Components Datasheet Search
  English  ▼

X  

AD8426 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8426
Description  Low Noise, Low Gain Drift, G = 2000 Instrumentation Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8426 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8426 Datasheet HTML 6Page - Analog Devices AD8426 Datasheet HTML 7Page - Analog Devices AD8426 Datasheet HTML 8Page - Analog Devices AD8426 Datasheet HTML 9Page - Analog Devices AD8426 Datasheet HTML 10Page - Analog Devices AD8426 Datasheet HTML 11Page - Analog Devices AD8426 Datasheet HTML 12Page - Analog Devices AD8426 Datasheet HTML 13Page - Analog Devices AD8426 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8428
Data Sheet
Rev. 0 | Page 10 of 20
100
0
–40
125
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
–25
–10
5
20355065
80
95
110
+SR
–SR
Figure 21. Slew Rate vs. Temperature, VS = ±15 V
100
0
–40
125
TEMPERATURE (°C)
10
20
30
40
50
60
70
80
90
–25
–10
5
20355065
80
95
110
+SR
–SR
Figure 22. Slew Rate vs. Temperature, VS = ±5 V
+VS
–0.5
+0.5
–1.0
+1.0
–1.5
–2.0
–2.5
+1.5
+2.0
+2.5
–VS
46
8
10
18
16
14
12
SUPPLY VOLTAGE (±VS)
–40°C
+25°C
+85°C
+125°C
Figure 23. Input Voltage Limit vs. Supply Voltage
+VS
–VS
4
SUPPLY VOLTAGE (±VS)
5
6789
10
11
12
13
14
15
17
16
–0.4
–0.8
–1.2
+0.4
+0.8
+1.2
+1.6
+2.0
–40°C
+25°C
+85°C
+125°C
Figure 24. Output Voltage Swing vs. Supply Voltage, RL = 10 kΩ
+VS
–VS
4
SUPPLY VOLTAGE (±VS)
5
6
7
8
9
10
11
12
13
14
15
17
16
–0.4
–0.8
–1.2
+0.4
+0.8
+1.2
+1.6
+2.0
–40°C
+25°C
+85°C
+125°C
Figure 25. Output Voltage Swing vs. Supply Voltage, RL = 2 kΩ
15
0
–15
–10
–5
5
10
100
1k
10k
100k
LOAD (Ω)
–40°C
+25°C
+85°C
+125°C
Figure 26. Output Voltage Swing vs. Load Resistance, VS = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com