Electronic Components Datasheet Search
  English  ▼

X  

AD7985 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7985
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7985 Datasheet HTML 13Page - Analog Devices AD7985 Datasheet HTML 14Page - Analog Devices AD7985 Datasheet HTML 15Page - Analog Devices AD7985 Datasheet HTML 16Page - Analog Devices AD7985 Datasheet HTML 17Page - Analog Devices AD7985 Datasheet HTML 18Page - Analog Devices AD7985 Datasheet HTML 19Page - Analog Devices AD7985 Datasheet HTML 20Page - Analog Devices AD7985 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 17 of 28
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
–40 –25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
VS = ±5V
VS = +5V
VS = +3V
Figure 38. Supply Current vs. Temperature for Various Supplies
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
0.01
0.1
1
10
FREQUENCY (MHz)
VS = +5V
G = +2
VOUT = 2V p-p
100
Figure 39. Crosstalk OUT1 to OUT2 (ADA4896-2 Only)
2.375
2.500
2.625
2.750
2.875
3.000
3.125
3.250
3.375
3.500
3.625
3.750
3.875
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TIME = 200ns/DIV
VS = +5V
G = +1
VIN = 1V
+25°C
+125°C
–40°C
DISABLE PIN
Figure 40. Turn-On Time vs. Temperature
2.375
2.500
2.625
2.750
2.875
3.000
3.125
3.250
3.375
3.500
3.625
3.750
3.875
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
TIME = 2µs/DIV
VS = +5V
G = +1
VIN = 1V
+25°C
+125°C
–40°C
DISABLE PIN
Figure 41. Turn-Off Time vs. Temperature
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
0.01
0.1
1
10
FREQUENCY (MHz)
100
VS = +5V
G = +2
RL = 100Ω
VOUT = 2V p-p
Figure 42. Forward Isolation vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com