Electronic Components Datasheet Search
  English  ▼

X  

AD7985 Datasheet(PDF) 22 Page - Analog Devices

Part # AD7985
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD7985 Datasheet HTML 18Page - Analog Devices AD7985 Datasheet HTML 19Page - Analog Devices AD7985 Datasheet HTML 20Page - Analog Devices AD7985 Datasheet HTML 21Page - Analog Devices AD7985 Datasheet HTML 22Page - Analog Devices AD7985 Datasheet HTML 23Page - Analog Devices AD7985 Datasheet HTML 24Page - Analog Devices AD7985 Datasheet HTML 25Page - Analog Devices AD7985 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 22 of 28
LOW NOISE GAIN SELECTABLE AMPLIFIER
+5V
2
1
8
3
RG1
150Ω
–5V
4
V01
VIN
ADA4896-2
+5V
6
7
8
5
–5V
4
V02
ADA4896-2
D1
D2
S1B
S1A
S2B
S3B
D3
S2A
V1
V2
RF1
150Ω
RF2
450Ω
RL
USING S3B IS OPTIONAL
Figure 50. Using the ADA4896-2 and the ADG633 to Construct a Low Noise Gain Selectable Amplifier to Drive a Low Resistive Load
A gain selectable amplifier makes processing a wide range of
input signals possible. The traditional gain selectable amplifier
involves switches in the feedback loops connecting to the
inverting input. In this case the switch resistance degrades the
noise performance of the amplifier, as well as adding significant
capacitance on the inverting input node. The noise and capaci-
tance issue can be especially bothersome when working with
low noise amplifiers. Also, the switch resistances contribute to
nonlinear gain error, which is undesirable.
Figure 50 presents an innovative switching technique used in
the gain selectable amplifier such that the 1 nV/Hz noise per-
formance of the ADA4896-2 is preserved, while the nonlinear
gain error is much reduced. With this technique, one can also
choose switches with minimal capacitance, which optimizes the
bandwidth of the circuit. In this circuit, the switches are
implemented with the ADG633 and they are configured such
that either S1A and S2A are on, or S1B and S2B are on. In this
example, when the S1A and S2A switches are on, the first stage
amplifier gain is +4. When the S1B and S2B switches are on, the
first stage amplifier gain is +2. The first set of switches of the
ADG633 is put in the output side of the feedback loop and the
second set of switches is used to sample at a point (V1 and V2)
where switch resistances and nonlinear resistances do not matter.
This way, the gain error can be reduced while preserving the
noise performance of the ADA4896-2/ADA4897-1.
11.0
11.5
12.0
12.5
13.0
13.5
14.0
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
0
0.05
0
0.5
1.0
1.5
2.0
INPUT VOLTAGE (V)
V02
V01
Figure 51. Gain Errors at V01 vs. V02
It should be noted that the input bias current of the output
buffer can cause problems with the impedance of the S2A and
S2B sampling switches. Both sampling switches are not only
nonlinear with voltage but with temperature as well. If this is an
issue, place the unused switch of the ADG633 in the feedback
path of the output buffer, as shown in Figure 50, to balance the
bias currents.
The following derivation shows that sampling at V1 yields the
desired signal gain without gain error. RS denotes the switch
resistance. V2 can be derived with the same method.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
×
=
G1
S1
F1
IN
01
R
R
R
V
V
1
(1)
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
+
+
×
=
S1
G1
F1
G1
F1
01
1
R
R
R
R
R
V
V
(2)
Substituting (1) into (2), the following derivation is obtained
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
=
G1
F1
IN
1
R
R
V
V
1
(3)
Figure 51 compares the gain errors when the output signal is
sampled at V01 vs. V02 for a range of dc inputs. Note that
sampling at V02 reduces the gain error significantly, as predicted in
Equation 3. Figure 52 shows the normalized frequency response
of the circuit at V02.
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
6
FREQUENCY (Hz)
VS = ±5V
VIN = 100mV p-p
RL = 1kΩ
G = +2
G = +4
100k
1M
10M
100M
500M
Figure 52. Frequency Response of V02/VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com