Electronic Components Datasheet Search
  English  ▼

X  

AD7985 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7985
Description  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7985 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7985 Datasheet HTML 20Page - Analog Devices AD7985 Datasheet HTML 21Page - Analog Devices AD7985 Datasheet HTML 22Page - Analog Devices AD7985 Datasheet HTML 23Page - Analog Devices AD7985 Datasheet HTML 24Page - Analog Devices AD7985 Datasheet HTML 25Page - Analog Devices AD7985 Datasheet HTML 26Page - Analog Devices AD7985 Datasheet HTML 27Page - Analog Devices AD7985 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 27 of 28
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
Ordering Quantity
Branding
ADA4896-2ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
50
H2P
ADA4896-2ARMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
1,000
H2P
ADA4896-2ARMZ-RL
−40°C to +125°C
8-Lead MSOP
RM-8
3,000
H2P
ADA4896-2ACPZ-R2
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
250
H2P
ADA4896-2ACPZ-R7
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
1,500
H2P
ADA4896-2ACPZ-RL
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-11
5,000
H2P
ADA4896-2ACP-EBZ
Evaluation Board for the
8-Lead LFCSP
ADA4896-2ARM-EBZ
Evaluation Board for the
8-Lead MSOP
ADA4897-1ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
98
ADA4897-1ARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1,000
ADA4897-1ARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
2,500
ADA4897-1ARJZ-R2
−40°C to +125°C
6-Lead SOT-23
RJ-6
250
H2K
ADA4897-1ARJZ-R7
−40°C to +125°C
6-Lead SOT-23
RJ-6
3,000
H2K
ADA4897-1ARJZ-RL
−40°C to +125°C
6-Lead SOT-23
RJ-6
10,000
H2K
ADA4897-1AR-EBZ
Evaluation Board for the
8-Lead SOIC_N
ADA4897-1ARJ-EBZ
Evaluation Board for the
6-Lead SOT-23
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com