Electronic Components Datasheet Search
  English  ▼

X  

HT45F43 Datasheet(PDF) 50 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 50 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 46Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 47Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 48Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 49Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 54Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 152 page
background image
Watchdog Timer Control Register
A single register, WDTC, controls the required timeout period as well as the enable/disable operation.
This register together with several configuration options control the overall operation of the Watchdog
Timer.
WDTC Register
Bit
76543210
Name
FSYSON
WS2
WS1
WS0
WDTEN3
WDTEN2
WDTEN1
WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
01111010
Bit 7
FSYSON: fSYS Control in IDLE Mode
0: Disable
1: Enable
Bit6~4
WS2, WS1, WS0 : WDT time-out period selection
000: 2
13/f
S
001: 2
14/f
S
010: 2
15/f
S
011: 2
16/f
S
100: 2
17/f
S
101: 2
18/f
S
110: 2
19/f
S
111: 2
20/f
S
These three bits determine the division ratio of the Watchdog Timer source clock, which in turn
determines the timeout period.
Bit3~0
WDTEN3, WDTEN2, WDTEN1, WDTEN0 : WDT Software Control
1010: Disable
Other: Enable
Watchdog Timer Operation
The Watchdog Timer operates by providing a device reset when its timer overflows. This means that in
the application program and during normal operation the user has to strategically clear the Watchdog
Timer before it overflows to prevent the Watchdog Timer from executing a reset. This is done using the
clear watchdog instructions. If the program malfunctions for whatever reason, jumps to an unkown
location, or enters an endless loop, these clear instructions will not be executed in the correct manner,
in which case the Watchdog Timer will overflow and reset the device. Some of the Watchdog Timer
options, such as enable/disable, clock source selection and clear instruction type are selected using
configuration options. In addition to a configuration option to enable/disable the Watchdog Timer,
there are also four bits, WDTEN3~WDTEN0, in the WDTC register to offer an additional
enable/disable control of the Watchdog Timer. To disable the Watchdog Timer, as well as the
configuration option being set to disable, the WDTEN3~WDTEN0 bits must also be set to a specific
value of
²1010². Any other values for these bits will keep the Watchdog Timer enabled, irrespective of
the configuration enable/disable setting. After power on these bits will have the value of 1010. If the
Watchdog Timer is used it is recommended that they are set to a value of 0101 for maximum noise
immunity. Note that if the Watchdog Timer has been disabled, then any instruction relating to its
operation will result in no operation.
WDT Configuration Option
WDTEN3~WDTEN0 Bits
WDT
WDT Enable
xxxx
Enable
WDT Disable
Except 1010
Enable
WDT Disable
1010
Disable
Watchdog Timer Enable/Disable Control
Rev. 1.20
50
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com