Electronic Components Datasheet Search
  English  ▼

X  

HT45F43 Datasheet(PDF) 54 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 54 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 50Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 51Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 52Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 53Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 54Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 55Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 56Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 57Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 58Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 152 page
background image
· Watchdog Time-out Reset during Normal Operation
The Watchdog time-out Reset during normal operation is the same as a hardware RES pin reset
except that the Watchdog time-out flag TO will be set to
²1².
· Watchdog Time-out Reset during SLEEP or IDLE Mode
The Watchdog time-out Reset during SLEEP or IDLE Mode is a little different from other kinds of
reset. Most of the conditions remain unchanged except that the Program Counter and the Stack
Pointer will be cleared to
²0² and the TO flag will be set to ²1². Refer to the A.C. Characteristics for
tSST details.
Note:
The tSST is 15~16 clock cycles if the system clock source is provided by ERC or HIRC. The tSST is 1024
clock for HXT or LXT. The tSST is 1~2 clock for LIRC.
Reset Initial Conditions
The different types of reset described affect the reset flags in different ways. These flags, known as
PDF and TO are located in the status register and are controlled by various microcontroller operations,
such as the SLEEP or IDLE Mode function or Watchdog Timer. The reset flags are shown in the table:
TO
PDF
RESET Conditions
0
0
Power-on reset
u
u
RES or LVR reset during NORMAL or SLOW Mode operation
1
u
WDT time-out reset during NORMAL or SLOW Mode operation
1
1
WDT time-out reset during IDLE or SLEEP Mode operation
Note:
²u² stands for unchanged
The following table indicates the way in which the various components of the microcontroller are af-
fected after a power-on reset occurs.
Item
Condition After RESET
Program Counter
Reset to zero
Interrupts
All interrupts will be disabled
WDT
Clear after reset, WDT begins counting
Timer/Event Counter
Timer Counter will be turned off
Input/Output Ports
I/O ports will be setup as inputs
Stack Pointer
Stack Pointer will point to the top of the stack
Rev. 1.20
54
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators
t S S T
W D T T i m e - o u t
I n t e r n a l R e s e t
WDT Time-out Reset during Idle/Sleep Timing Chart
t R S T D + t S S T
W D T T i m e - o u t
I n t e r n a l R e s e t
Note: tRSTD is power-on delay, typical time=100ms
WDT Time-out Reset during Normal Operation Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com