Electronic Components Datasheet Search
  English  ▼

X  

HT45F43 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 9Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 10Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 11Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 12Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 13Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 14Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 15Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 152 page
background image
Pin Name
Function
OPT
I/T
O/T
Description
PC6/PWM1/C2P/SCOM3
PC6
PCPU
ST
CMOS
General purpose I/O. Register enabled pull-up.
PWM1
BPCTL
¾
CMOS
PWM1 output pin
C2P
CMP2C1
CMPI
¾
Comparator 2 non-inverting input pin
SCOM3
LCDC
¾
SCOM
Software controlled 1/2 bias LCD COM
VDD
VDD
¾
PWR
¾
Power supply
VSS
VSS
¾
PWR
¾
Ground
Note:
I/T: Input type
O/T: Output type
OPT: Optional by configuration option (CO) or register option
PWR: Power
CO: Configuration option
ST: Schmitt Trigger input
CMOS: CMOS output
SCOM: Software controlled LCD COM
HXT: High frequency crystal oscillator
LXT: Low frequency crystal oscillator
OPAI: Operational Amplifier input
OPAO: Operational Amplifier output
CMPI: Comparator input
CMPO: Comparator output
DAO: D/A output
Absolute Maximum Ratings
Supply Voltage ...............................................................................................VSS
-0.3V to VSS+6.0V
Storage Temperature .................................................................................................
-50°Cto125°C
Input Voltage .................................................................................................VSS
-0.3V to VDD+0.3V
Operating Temperature................................................................................................
-40°Cto85°C
IOL Total...................................................................................................................................100mA
IOH Total ................................................................................................................................
-100mA
Total Power Dissipation .........................................................................................................500mW
Note:
These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum
Ratings
² may cause substantial damage to the device. Functional operation of this device at other
conditions beyond those listed in the specification is not implied and prolonged exposure to extreme
conditions may affect device reliability.
Rev. 1.20
12
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com