Electronic Components Datasheet Search
  English  ▼

X  

HT45F43 Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 108Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 109Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 110Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 111Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 112Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 113Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 114Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 115Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 152 page
background image
CMP2 I/O status description:
The following table illustrates the CMP2 I/O settings.
CMP2EN
C2OUTEN
CNPSEL
C2PSEL
IO2, IO3, IO4
0
x
x
x
IO2, IO3, IO4 are I/Os
1000
IO2, IO3, IO4 are I/Os
1001
IO3/C2P is Comparator input and IO2, IO4 are I/Os.
1010
VL1, IO2/CNP are Comparator input and IO3, IO4 are I/Os.
1011
IO2/CNP, IO3/C2P are Comparator input pins and IO4 is I/O.
1100
IO2, IO3 are I/Os. C2OUT is Comparator output pin.
1101
IO3/C2P is Comparator input. Comparator negative input is from
OPA output. IO2 is I/O. C2OUT is Comparator output pin.
1110
VL1, IO2/CNP are Comparator input pins and IO3 is I/O.
C2OUT is Comparator output pin.
1111
IO2/CNP, IO3/C2P are Comparator input pins and C2OUT is
Comparator output pin.
Comparator 1 output (C1OUT) Control Table
C1OUTEN
CMP1EN
IOC5
Read Data from IO5
IO5 Pin Status
0
0
0
from IO5 data register
Output IO5 register
0
0
1
from Pin
Input
0
1
0
from IO5 data register
Output IO5 register
0
1
1
from Pin
Input
1
0
0
from IO5 data register
Output IO5 register
1
0
1
from Pin
Input
1
1
0
from IO5 data register
Output Comparator
1
1
1
from Pin
Output Comparator
Comparator 1 input (CNP/C1N) Control Table, CNPSEL=1=C1NSEL
CMP1EN
IOC5
Read Data from IO5
IO5 Pin Status
0
0
from IO5 data register
Output IO5 register
0
1
from pin
IO5 input
1
0
from IO5 data register
Logic input disable & pull-high disable
1
1
1
Logic input disable & pull-high disable
Rev. 1.20
112
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com