Electronic Components Datasheet Search
  English  ▼

X  

HT45F43 Datasheet(PDF) 120 Page - Holtek Semiconductor Inc

Part # HT45F43
Description  8-Bit Flash MCU with Op Amps & Comparators
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45F43 Datasheet(HTML) 120 Page - Holtek Semiconductor Inc

Back Button HT45F43 Datasheet HTML 116Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 117Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 118Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 119Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 120Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 121Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 122Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 123Page - Holtek Semiconductor Inc HT45F43 Datasheet HTML 124Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 152 page
background image
SPI/I
2C Interface Interrupt
For an SPI/I
2C interrupt to occur, the global interrupt enable bit, EMI, and the corresponding interrupt
enable bit, ESIM must be first set. An actual SPI/I
2C interrupt will take place when the SPI/I2C
interface request flag, SIMF, is set, a situation that will occur when a byte of data has been transmitted
or received by the SPI/I
2C interface When the interrupt is enabled, the stack is not full and a byte of
data has been transmitted or received by the SPI/I
2C interface, a subroutine call to the SPI/I2C interrupt
vector at location 14H, will take place. When the interrupt is serviced, the SPI/I
2C request flag, SIMF
will be automatically reset and the EMI bit will be automatically cleared to disable other interrupts.
Multi-function Interrupt
An additional interrupt known as the Multi-function interrupt is provided. Unlike the other interrupts,
this interrupt has no independent source, but rather is formed from four other existing interrupt
sources, namely the A/D Converter interrupt, Time Base interrupts, the External Peripheral interrupt ,
Comparator interrupt, EEPROM interrupt and LVD interrupt.
For a Multi-function interrupt to occur, the global interrupt enable bit, EMI, and the Multi-function
interrupt enable bit, EMFI, must first be set. An actual Multi-function interrupt will take place when
the Multi-function interrupt request flag, MFF, is set. This will occur when either a Time Base
overflow, an A/D conversion completion, an External Peripheral Interrupt, a Comparator output
interrupt, an EEPROM Write or Read cycle ends interrupt, or a LVD interrupt is generated. When the
interrupt is enabled and the stack is not full, and either one of the interrupts contained within the
Multi-function interrupt occurs, a subroutine call to the Multi-function interrupt vector at location
018H will take place. When the interrupt is serviced, the Multi-Function request flag, MFF, will be
automatically reset and the EMI bit will be automatically cleared to disable other interrupts. However,
it must be noted that the request flags from the original source of the Multi-function interrupt, namely
the Time-Base interrupt, A/D Converter interrupt or External Peripheral interrupt will not be
automatically reset and must be manually reset by the application program.
A/D Interrupt
The A/D Interrupt is contained within the Multi-function Interrupt.
For an A/D Interrupt to be generated, the global interrupt enable bit, EMI, A/D Interrupt enable bit,
EADI, and Multi-function interrupt enable bit, EMFI, must first be set. An actual A/D Interrupt will
take place when the A/D Interrupt request flag, ADF, is set, a situation that will occur when the A/D
conversion process has finished. When the interrupt is enabled, the stack is not full and the A/D
conversion process has ended, a subroutine call to the Multi-function interrupt vector at location18H,
will take place. When the A/D Interrupt is serviced, the EMI bit will be cleared to disable other
interrupts, however only the MFF interrupt request flag will be reset. As the ADF flag will not be
automatically reset, it has to be cleared by the application program.
Rev. 1.20
120
September 15, 2011
HT45F23/HT45F43
8-Bit Flash MCU with Op Amps & Comparators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com