Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 236 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 236 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 232Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 233Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 236Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 237Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 238Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 239Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 240Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 242 page
background image
Rev. 1.50
236
March 06 , 2012
Rev. 1.50
237
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Subtract Data Memory from ACC with result in Data Memory
The specified Data Memory is subtracted from the contents of the Accumulator.
The result is stored in the Data Memory. Note that if the result of subtraction is
negative, the C flag will be cleared to 0, otherwise if the result is positive or zero,
the C flag will be set to 1.
[m] ← ACC − [m]
OV, Z, AC, C
Subtract immediate data from ACC
The immediate data specified by the code is subtracted from the contents of the
Accumulator. The result is stored in the Accumulator. Note that if the result of
subtraction is negative, the C flag will be cleared to 0, otherwise if the result is
positive or zero, the C flag will be set to 1.
ACC ← ACC − x
OV, Z, AC, C
Swap nibbles of Data Memory
The low-order and high-order nibbles of the specified Data Memory are
interchanged.
[m].3~[m].0↔[m].7 ~ [m].4
None
Swap nibbles of Data Memory with result in ACC
The low-order and high-order nibbles of the specified Data Memory are
interchanged. The result is stored in the Accumulator. The contents of the Data
Memory remain unchanged.
ACC.3 ~ ACC.0 ← [m].7 ~ [m].4
ACC.7 ~ ACC.4 ← [m].3 ~ [m].0
None
Skip if Data Memory is 0
If the contents of the specified Data Memory is 0, the following instruction is
skipped. As this requires the insertion of a dummy instruction while the next
instruction is fetched, it is a two cycle instruction. If the result is not 0 the program
proceeds with the following instruction.
Skip if [m] = 0
None
Skip if Data Memory is 0 with data movement to ACC
The contents of the specified Data Memory are copied to the Accumulator. If the
value is zero, the following instruction is skipped. As this requires the insertion of a
dummy instruction while the next instruction is fetched, it is a two cycle instruction.
If the result is not 0 the program proceeds with the following instruction.
ACC ← [m]
Skip if [m] = 0
None
SUBM A,[m]
Description
Operation
Affected flag(s)
SUB A,x
Description
Operation
Affected flag(s)
SWAP [m]
Description
Operation
Affected flag(s)
SWAPA [m]
Description
Operation
Affected flag(s)
SZ [m]
Description
Operation
Affected flag(s)
SZA [m]
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com