Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 239 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 239 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 236Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 237Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 238Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 239Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 240Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 241Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 242Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 239 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
238
March 06 , 2012
Rev. 1.50
239
March 06 , 2012
64-pin LQFP (7mmx7mm) Outline Dimensions
LQFP Outline Dimensions
64-pin LQFP (7mm´7mm) Outline Dimensions
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.350
¾
0.358
B
0.272
¾
0.280
C
0.350
¾
0.358
D
0.272
¾
0.280
E
¾
0.016
¾
F
0.005
¾
0.009
G
0.053
¾
0.057
H
¾¾
0.063
I
0.002
¾
0.006
J
0.018
¾
0.030
K
0.004
¾
0.008
a
0°¾
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.90
¾
9.10
B
6.90
¾
7.10
C
8.90
¾
9.10
D
6.90
¾
7.10
E
¾
0.40
¾
F
0.13
¾
0.23
G
1.35
¾
1.45
H
¾¾
1.60
I
0.05
¾
0.15
J
0.45
¾
0.75
K
0.09
¾
0.20
a
0°¾
7°
Package Information
1
February 8, 2010
4
8
4
9
3
3
3
2
6
4
1
1
6
1
7
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.350
―
0.358
B
0.272
―
0.280
C
0.350
―
0.358
D
0.272
―
0.280
E
―
0.016
―
F
0.005
―
0.009
G
0.053
―
0.057
H
―
―
0.063
I
0.002
―
0.006
J
0.018
―
0.030
K
0.004
―
0.008
α
0°
―
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.90
―
9.10
B
6.90
―
7.10
C
8.90
―
9.10
D
6.90
―
7.10
E
―
0.40
―
F
0.13
―
0.23
G
1.35
―
1.45
H
―
―
1.60
I
0.05
―
0.15
J
0.45
―
0.75
K
0.09
―
0.20
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com