Electronic Components Datasheet Search
  English  ▼

X  

HT67F50 Datasheet(PDF) 238 Page - Holtek Semiconductor Inc

Part # HT67F50
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F50 Datasheet(HTML) 238 Page - Holtek Semiconductor Inc

Back Button HT67F50 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 235Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 236Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 237Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 238Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 239Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 240Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 241Page - Holtek Semiconductor Inc HT67F50 Datasheet HTML 242Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 238 / 242 page
background image
Rev. 1.50
238
March 06 , 2012
Rev. 1.50
239
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
Package Information
Note that the package information provided here is for consultation purposes only. As this information may be
updated at regular intervals users are reminded to consult the Holtek website (http://www.holtek.com.tw/english/
literature/package.pdf) for the latest version of the package information.
48-pin LQFP (7mmx7mm) Outline Dimensions
36
25
37
24
13
12
1
48
A
B
C
D
E
F
G
H
I
J
K
=
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.350
―
0.358
B
0.272
―
0.280
C
0.350
―
0.358
D
0.272
―
0.280
E
―
0.020
―
F
―
0.008
―
G
0.053
―
0.057
H
―
―
0.063
I
―
0.004
―
J
0.018
―
0.030
K
0.004
―
0.008
α
0°
―
7°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
8.90
―
9.10
B
6.90
―
7.10
C
8.90
―
9.10
D
6.90
―
7.10
E
―
0.50
―
F
―
0.20
―
G
1.35
―
1.45
H
―
―
1.60
I
―
0.10
―
J
0.45
―
0.75
K
0.10
―
0.20
α
0°
―
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com