Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 54 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 54 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 50Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 51Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 52Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 53Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 54Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 55Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 56Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 57Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 58Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 242 page
background image
Rev. 1.50
54
March 06 , 2012
Rev. 1.50
55
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
LIRC
LXT
Low Speed Oscillation
fH
High Speed Oscillation
HXT
ERC
HIRC
EC
High Speed Oscillation
Configuration Option
fH/64
fH/32
fH/16
fH/8
fH/4
fH/2
6-stage Prescaler
fL
fSUB
Low Speed Oscillation
Configuration Option
fSYS
HLCLK,
CKS2~CKS0 bits
Fast Wake-up from SLEEP Mode or
IDLE Mode Control (for HXT only)
System Clock Configurations
The actual source clock used for each of the high speed and low speed oscillators is chosen via
configuration options. The frequency of the slow speed or high speed system clock is also
determined using the HLCLK bit and CKS2 ~ CKS0 bits in the SMOD register. Note that two
oscillator selections must be made namely one high speed and one low speed system oscillators. It is
not possible to choose a no-oscillator selection for either the high or low speed oscillator.
External Crystal/ Ceramic Oscillator – HXT
The External Crystal/Ceramic System Oscillator is one of the high frequency oscillator choices,
which is selected via configuration option. For most crystal oscillator configurations, the simple
connection of a crystal across OSC1 and OSC2 will create the necessary phase shift and feedback
for oscillation, without requiring external capacitors. However, for some crystal types and
frequencies, to ensure oscillation, it may be necessary to add two small value capacitors, C1 and C2.
Using a ceramic resonator will usually require two small value capacitors, C1 and C2, to be
connected as shown for oscillation to occur. The values of C1 and C2 should be selected in
consultation with the crystal or resonator manufacturer's specification. An additional configuration
option must be setup to configure the device according to whether the oscillator frequency is high,
defined as equal to or above 1MHz, or low, which is defined as below 1MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com