Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 8Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 9Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 10Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 11Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 12Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 13Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 14Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 15Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 242 page
background image
Rev. 1.50
12
March 06 , 2012
Rev. 1.50
13
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
HT 67 F5 0
48 LQ FP -A
13 14 15 16 1 7 18 19 20 21 2 2 23 2 4
48 47 46 45 4 4 43 42 41 40 3 9 38 3 7
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
SE G1 4/ PE6 /[C 1X ]
SE G1 5/ PE7 /[C 1X ]
SE G2 0/ PF 4
SE G2 1/ PF 5
SE G2 2/ PF 6
SE G2 3/ PF 7
CO M3 /S EG 40
CO M2
CO M1
CO M0
C2
C1
SE G1 /P D1 /[ TP 0_1]
SE G0 /P D0 /[ TP 0_0]
PC 1/ TP 1B _1 /[ PC K ]/S DO
PC 0 /[P IN T ]/T P1 B _0/ SD I/ SD A
PA 7/ AN 7/ SC K/ SC L
PA 6/ AN 6/ SC S
PA 5/ C1 X/ PC K/ AN 5
PA 4/ IN T1 /P IN T/ TC K1 /A N4
PA 3/ IN T0 /A N3 /C 0- /S DO A
PA 2/ TC K0 /A N2 /C 0+ /S DI A
PA 1/ TP 1A /A N1 /S CK A
PA 0/ C0 X/ TP 0_0 /A N0 /S CS A
47
46
45
44
43
42
41
HT 67 F5 0
80 L QF P- A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61
60
59
58
57
56
55
54
53
52
51
40
49
48
SE G2 2/ PF 6
SE G2 3/ PF 7
SE G2 4
SE G2 5
SE G2 6
SE G2 7
SE G2 8
SE G2 9
SE G3 0
SE G3 1
SE G3 2
SE G3 3
SE G3 4
SE G3 5
SE G3 6
SE G3 7
SE G3 8
SE G3 9
CO M3 /S EG 40
CO M2
SE G1 /P D1 /[ TP 0_1]
SE G0 /P D0 /[ TP 0_0]
PC 5/ TP 0_1/ TP 1B _2/ [S DO ]
PC 4/ TC K3 /T P 2_1/ [S DI ]/[S DA ]
PC 3/ TP 2_0/ C1 - /[S CK ]/[S CL ]
PC 2/ TC K2 /C 1+ /[ SC S]
PC 1/ TP 1B _1 /[ PC K ]/S DO
PC 0 /[P IN T ]/T P1 B _0/ SD I/ SD A
PG 5/ [S DO ]
PG 4/ [S DI ]/[S DA ]
PG 3/ TP 3_0/ [S CK ]/[ SC L ]
PG 2/ [S CS ]
PG 1/ [P CK ]
PG 0/ [P IN T] /T P 3_1
PB 7
PB 6
PA 7/ AN 7/ SC K/ SC L
PA 6/ AN 6/ SC S
PA 5/ C1 X/ PC K/ AN 5
PA 4/ IN T1 /P IN T/ TC K1 /A N4
PA 0/ C0 X/ TP 0_0 /A N0 /S CS A
PB 5/ VR EF
VSS :/V SS :/V SS :
VD DA 6/ VD D/ VC CA 5
PB 0/ RE S
PB 1/ OS C1
PB 2/ OS C2
PB 3/ XT 1
PB 4/ XT 2
VL CD
VM AX
V1
V2
C1
C2
CO M0
HT 67 F5 0
64 L QF P- A
1
2
3
4
5
6
7
8
9
10
11
12
13
20 21 22 23 24 25 26 27 28
60
61
62
63
64
29 30 31 32
52
53
54
55
56
57
58
59
14
15
16
43
44
45
46
47
48
36
37
38
39
40
41
42
33
34
35
17 18 19
49
50
51
SE G3 /P D3 /[ TP 1B _0 ]
SE G4 /P D4 /[ TP 1B _1 ]
SE G5 /P D5 /[ TP 1B _2 ]
SE G6 /P D6 /[ TP 2_0]
SE G7 /P D7 /[ TP 2_1]
SE G8 /P E0 /[T CK 0]
SE G9 /P E1 /[T CK 1]
SE G1 0/ PE2 /[T CK 2] /[C 0X ]
SE G1 1/ PE3 /[C 0X ]
SE G1 2/ PE4 /[I NT 0]
SE G1 3/ PE5 /[I NT 1]
SE G1 4/ PE6 /[C 1X ]
SE G1 5/ PE7 /[C 1X ]
SE G1 6/ PF 0/ [T P3 _0 ]
SE G1 7/ PF 1/ [T P3 _1 ]
SE G1 8/ PF 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com