Electronic Components Datasheet Search
  English  ▼

X  

HT67F60 Datasheet(PDF) 112 Page - Holtek Semiconductor Inc

Part # HT67F60
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F60 Datasheet(HTML) 112 Page - Holtek Semiconductor Inc

Back Button HT67F60 Datasheet HTML 108Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 109Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 110Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 111Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 112Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 113Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 114Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 115Page - Holtek Semiconductor Inc HT67F60 Datasheet HTML 116Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 242 page
background image
Rev. 1.50
112
March 06 , 2012
Rev. 1.50
113
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
●
TMnC0 Register
Bit
7
6
5
4
3
2
1
0
Name
TnPAU
TnCK2
TnCK1
TnCK0
TnON
TnRP2
TnRP1
TnRP0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7
TnPAU: TMn Counter Pause Control
0: run
1: pause
The counter can be paused by setting this bit high. Clearing the bit to zero restores
normal counter operation. When in a Pause condition the TM will remain powered up
and continue to consume power. The counter will retain its residual value when this bit
changes from low to high and resume counting from this value when the bit changes
to a low value again.
Bit 6~4
TnCK2~TnCK0: Select TMn Counter clock
000: fSYS/4
001: fSYS
010: fH/16
011: fH/64
100: fTBC
101: Undefined
110: TCKn rising edge clock
111: TCKn falling edge clock
These three bits are used to select the clock source for the TM. Selecting the Reserved
clock input will effectively disable the internal counter. The external pin clock source
can be chosen to be active on the rising or falling edge. The clock source fSYS is the
system clock, while fH and fTBC are other internal clocks, the details of which can be
found in the oscillator section.
Bit 3
TnON: TMn Counter On/Off Control
0: Off
1: On
This bit controls the overall on/off function of the TM. Setting the bit high enables the
counter to run, clearing the bit disables the TM. Clearing this bit to zero will stop the counter
from counting and turn off the TM which will reduce its power consumption. When the bit
changes state from low to high the internal counter value will be reset to zero, however when
the bit changes from high to low, the internal counter will retain its residual value.
If the TM is in the Compare Match Output Mode then the TM output pin will be reset to its
initial condition, as specified by the TnOC bit, when the TnON bit changes from low to high.
Bit 2~0
TnRP2~TnRP0: TMn CCRP 3-bit register, compared with the TMn Counter bit 9~bit 7
Comparator P Match Period
000: 1024 TMn clocks
001: 128 TMn clocks
010: 256 TMn clocks
011: 384 TMn clocks
100: 512 TMn clocks
101: 640 TMn clocks
110: 768 TMn clocks
111: 896 TMn clocks
These three bits are used to setup the value on the internal CCRP 3-bit register, which
are then compared with the internal counter's highest three bits. The result of this
comparison can be selected to clear the internal counter if the TnCCLR bit is set to
zero. Setting the TnCCLR bit to zero ensures that a compare match with the CCRP
values will reset the internal counter. As the CCRP bits are only compared with the
highest three counter bits, the compare values exist in 128 clock cycle multiples.
Clearing all three bits to zero is in effect allowing the counter to overflow at its
maximum value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com