| Electronic Components Datasheet Search |
|
HT67F60 Datasheet(PDF) 234 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F60 Datasheet(HTML) 234 Page - Holtek Semiconductor Inc |
|
234 / 242 page ![]() Rev. 1.50 234 March 06 , 2012 Rev. 1.50 235 March 06 , 2012 HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO Rotate Data Memory right through Carry with result in ACC Data in the specified Data Memory and the carry flag are rotated right by 1 bit. Bit 0 replaces the Carry bit and the original carry flag is rotated into bit 7. The rotated result is stored in the Accumulator and the contents of the Data Memory remain unchanged. ACC.i ← [m].(i+1); (i = 0~6) ACC.7 ← C C ← [m].0 C Subtract Data Memory from ACC with Carry The contents of the specified Data Memory and the complement of the carry flag are subtracted from the Accumulator. The result is stored in the Accumulator. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1. ACC ← ACC − [m] − C OV, Z, AC, C Subtract Data Memory from ACC with Carry and result in Data Memory The contents of the specified Data Memory and the complement of the carry flag are subtracted from the Accumulator. The result is stored in the Data Memory. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1. ACC ← ACC − [m] − C OV, Z, AC, C Skip if decrement Data Memory is 0 The contents of the specified Data Memory are first decremented by 1. If the result is 0 the following instruction is skipped. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the program proceeds with the following instruction. [m] ← [m] − 1 Skip if [m] = 0 None Skip if decrement Data Memory is zero with result in ACC The contents of the specified Data Memory are first decremented by 1. If the result is 0, the following instruction is skipped. The result is stored in the Accumulator but the specified Data Memory contents remain unchanged. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0, the program proceeds with the following instruction. ACC ← [m] − 1 Skip if ACC = 0 None RRCA [m] Description Operation Affected flag(s) SBC A,[m] Description Operation Affected flag(s) SBCM A,[m] Description Operation Affected flag(s) SDZ [m] Description Operation Affected flag(s) SDZA [m] Description Operation Affected flag(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |