Electronic Components Datasheet Search
  English  ▼

X  

HT95R22 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT95R22
Description  I/O Type Phone 8-bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R22 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT95R22 Datasheet HTML 6Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 7Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 8Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 9Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 10Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 11Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 12Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 13Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
HT95R22
Rev. 1.00
10
January 6, 2009
Data Memory
The Data Memory is a volatile area of 8-bit wide RAM in-
ternal memory and is the location where temporary in-
formation is stored. Divided into two sections, the first of
these is an area of RAM where special function registers
are located. These registers have fixed locations and
are necessary for correct operation of the device. Many
of these registers can be read from and written to di-
rectly under program control, however, some remain
protected from user manipulation. The second area of
RAM Data Memory is reserved for general purpose use.
All locations within this area are read and write accessi-
ble under program control.
Structure
The Special Purpose and General Purpose Data Mem-
ory are located at consecutive locations. All are imple-
mented in RAM and are 8 bits wide. The start address of
the Data Memory is the address 00H. Registers which
are common to all microcontrollers, such as ACC, PCL,
etc., have the same Data Memory address. Note that af-
ter power-on, the contents of the Data Memory, will be in
an unknown condition, the programmer must therefore
ensure that the Data Memory is properly initialised. The
Special Purpose Data Memory is located in Bank 0
while the General Purpose Data Memory is divided into
3 individual areas or Banks known as Bank 0 to Bank 2.
Switching between different banks is achieved by set-
ting the Bank Pointer to the correct value.
tempreg1
db
?
; temporary register #1
tempreg2
db
?
; temporary register #2
:
:
mov a,06h
; initialise table pointer - note that this address
; is referenced
mov tblp,a
; to the last page or present page
:
:
tabrdl
tempreg1
; transfers value in table referenced by table pointer
; to tempregl
; data at prog. memory address
²F06H² transferred to
; tempreg1 and TBLH
dec tblp
; reduce value of table pointer by one
tabrdl
tempreg2
; transfers value in table referenced by table pointer
; to tempreg2
; data at prog.memory address
²F05H² transferred to
; tempreg2 and TBLH
; in this example the data
²1AH² is transferred to
; tempreg1 and data
²0FH² to register tempreg2
; the value
²0FH² will be transferred to the high byte
; register TBLH
:
:
org F00h
; sets initial address of HT95R22 last page
dc
00Ah, 00Bh, 00Ch, 00Dh, 00Eh, 00Fh, 01Ah, 01Bh
:
:
0 0 H
4 0 H
F F H
3 F H
B a n k 2
B a n k 1
B a n k 0
S p e c i a l P u r p o s e
D a t a M e m o r y
B a n k 0
G e n e r a l P u r p o s e
D a t a M e m o r y
B a n k 1 ~ 2
G e n e r a l P u r p o s e
D a t a M e m o r y
Data Memory Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com