Electronic Components Datasheet Search
  English  ▼

X  

HT95R22 Datasheet(PDF) 27 Page - Holtek Semiconductor Inc

Part # HT95R22
Description  I/O Type Phone 8-bit MCU
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT95R22 Datasheet(HTML) 27 Page - Holtek Semiconductor Inc

Back Button HT95R22 Datasheet HTML 23Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 24Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 25Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 26Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 27Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 28Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 29Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 30Page - Holtek Semiconductor Inc HT95R22 Datasheet HTML 31Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
HT95R22
Rev. 1.00
27
January 6, 2009
The different kinds of resets all affect the internal registers of the microcontroller in different ways. To ensure reliable
continuation of normal program execution after a reset occurs, it is important to know what condition the microcontroller
is in after a particular reset occurs. The following table describes how each type of reset affects each of the
microcontroller internal registers.
Register
Reset (Power-on)
RES Reset
(Normal/Green)
RES Reset
(Sleep/Idle)
WDT Time-out
(Normal/Green)
WDT Time-out
(Sleep/Idle)
IAR0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP0
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
IAR1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
MP1
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
BP
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
ACC
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
PCL
0000H
0000H
0000H
0000H
0000H
TBLP
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TBLH
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
WDTS
0000 0111
0000 0111
0000 0111
0000 0111
uuuu uuuu
STATUS
- - 00 xxxx
- - uu uuuu
- - 01 uuuu
- - 1u uuuu
- - 11 uuuu
INTC0
- 000 0000
- 000 0000
- 000 0000
- 000 0000
- uuu uuuu
TMR0H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR0C
00
- 01 ---
00
- 01 ---
00
- 01 ---
00
- 01 ---
uu
- uu ---
TMR1H
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1L
xxxx xxxx
uuuu uuuu
uuuu uuuu
uuuu uuuu
uuuu uuuu
TMR1C
00
- 01 ---
00
- 01 ---
00
- 01 ---
00
- 01 ---
uu
- uu ---
PA
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PAC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PB
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PBC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PCC
1111
-- 11
1111
-- 11
1111
-- 11
1111
-- 11
uuuu
-- uu
PD
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
PDC
1111 1111
1111 1111
1111 1111
1111 1111
uuuu uuuu
INTC1
- 00 -- 00 -- 00 -- 00 -- 00 -- 00 -- 00 -- 00 -- uu -- uu -
DTMFC
---- 0 -- 1
---- 0 -- 1
---- 0 -- 1
---- 0 -- 1
---- - u - u
DTMFD
0000 0000
0000 0000
0000 0000
0000 0000
uuuu uuuu
RTCC
0
- 0 - ----
u
- u - ----
u
- u - ----
u
- u - ----
u
- u - ----
MODE
000
- ----
00u
- ----
00u
- ----
00u
- ----
00u
- ----
MFIC
- 000 - 000
- 000 - 000
- 000 - 000
- 000 - 000
- uuu - uuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com